công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRLZ44NSPBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRLZ44NSPBF
Giải thích chi tiết về linh kiện  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NSPBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRLZ44NSPBF Datasheet HTML 1Page - International Rectifier IRLZ44NSPBF Datasheet HTML 2Page - International Rectifier IRLZ44NSPBF Datasheet HTML 3Page - International Rectifier IRLZ44NSPBF Datasheet HTML 4Page - International Rectifier IRLZ44NSPBF Datasheet HTML 5Page - International Rectifier IRLZ44NSPBF Datasheet HTML 6Page - International Rectifier IRLZ44NSPBF Datasheet HTML 7Page - International Rectifier IRLZ44NSPBF Datasheet HTML 8Page - International Rectifier IRLZ44NSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLZ44NS/LPbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.070 –––
V/°C Reference to 25°C, ID = 1mA…
–––
––– 0.022
VGS = 10V, ID = 25A „
–––
––– 0.025
VGS = 5.0V, ID = 25A „
–––
––– 0.035
VGS = 4.0V, ID = 21A „
VGS(th)
Gate Threshold Voltage
1.0
––– 2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
21
––– –––
S
VDS = 25V, ID = 25A…
–––
–––
25
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
–––
48
ID = 25A
Qgs
Gate-to-Source Charge
–––
––– 8.6
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
25
VGS = 5.0V, See Fig. 6 and 13 „…
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 28V
tr
Rise Time
–––
84
–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 3.4Ω, VGS = 5.0V
tf
Fall Time
–––
15
–––
RD = 1.1Ω, See Fig. 10 „…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
––– 1700 –––
VGS = 0V
Coss
Output Capacitance
–––
400 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
150 –––
ƒ = 1.0MHz, See Fig. 5…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
LS
Internal Source Inductance
7.5
ns
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 25A, VGS = 0V „
trr
Reverse Recovery Time
–––
80
120
ns
TJ = 25°C, IF = 25A
Qrr
Reverse Recovery Charge
––– 210 320
nC
di/dt = 100A/µs „…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
A
47
160
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Uses IRLZ44N data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 25A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
‚ VDD = 25V, starting TJ = 25°C, L =470µH
RG = 25Ω, IAS = 25A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )


Số phần tương tự - IRLZ44NSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
345Kb / 11P
   Advnaced Process Technology
IRLZ44NSPBF IRF-IRLZ44NSPBF_15 Datasheet
345Kb / 11P
   Advnaced Process Technology
More results

Mô tả tương tự - IRLZ44NSPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com