công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI2108 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện SI2108
Giải thích chi tiết về linh kiện  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2108 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  SI2108 Datasheet HTML 1Page - Silicon Laboratories SI2108 Datasheet HTML 2Page - Silicon Laboratories SI2108 Datasheet HTML 3Page - Silicon Laboratories SI2108 Datasheet HTML 4Page - Silicon Laboratories SI2108 Datasheet HTML 5Page - Silicon Laboratories SI2108 Datasheet HTML 6Page - Silicon Laboratories SI2108 Datasheet HTML 7Page - Silicon Laboratories SI2108 Datasheet HTML 8Page - Silicon Laboratories SI2108 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Preliminary Rev. 0.81 6/06
Copyright © 2006 by Silicon Laboratories
Si2107/08/09/10
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si2107/08/09/10
SATELLITE RECEIVER FOR DVB-S/DSS WITH
QUICKLOCK AND QUICKSCAN
Features
Applications
Description
The Si2107/08/09/10 are a family of pin-compatible, complete front-end solutions
for DSS and DVB-S digital satellite reception. The IC family incorporates a tuner,
demodulator, and LNB controller into a single device resulting in significantly
reduced board space and external component count. The device supports symbol
rates of 1 to 45 MBaud over a 950 to 2150 MHz range. A full suite of features
including automatic acquisition, fade recovery, blind scanning, performance
monitoring, and DiSEqC Level 2.2 compliant signaling are supported. The Si2108/
10 further add short circuit protection, overcurrent protection, and a step-up dc-dc
controller to implement a low-cost LNB supply solution. Si2109/10 versions
include a hardware channel scan accelerator for fast “blindscan”. The Si2107/08/
09/10 family features new channel detection and acquisition technology:
QuickLock for Si2107/08/09/10 and QuickScan for Si2109/10. QuickLock
achieves fast channel acquisition and QuickScan, fast channel detection. An I2C
bus interface is used to configure and monitor all internal parameters.
Functional Block Diagram
Single-chip tuner, demodulator,
and LNB controller
DVB-S- and DSS-compliant
QPSK/BPSK demodulation
Integrated step-up dc-dc
converter for LNB power supply
(Si2108/10 only)
Input signal level:
–82 to –10 dBm
Symbol rate range:
1 to 45 MBaud
Automatic acquisition and fade
recovery
Automatic gain control
On-chip blind scan accelerator
with QuickScan (Si2109/10 only)
DiSEqC™ 2.2 support
Power, C/N, and BER estimators
I2C bus interface
3.3/1.8 V supply, 3.3 V I/O
Pb-free/RoHS-compliant
package
Set-top boxes
Digital video recorders
Digital televisions
Satellite PC-TV
SMATV trans-modulators
(Satellite Master Antenna TV)
Acquisition Control
AGC
Tuner
Demodulator
Viterbi
Decoder
RS
Decoder
LNB Control
RF Sythesizer
I2C Interface
XOUT
SCL SDA
INT/RLK/GPO
TS_ERR
TS_SYNC
TS_VAL
TS_DATA[7:0]
TS_CLK
PWM/DCS
ISEN/NC
LNB2/DRC
VSEN/TDET
RFIP
LNB1/TGEN
Pin Assignments
Si2107/08/09/10
14 15 16 17 18 19 20 21 22
36
37
38
39
40
41
42
43
44
VDD_LNA
REXT
ADDR
VDD_MIX
VDD_BB
VDD_ADC
VSEN/TDET
LNB1/TGEN
ISEN
PWM/DCS
VDD_DIG18
TS_DATA[7]
SCL
SDA
TS_SYNC
TS_VAL
TS_ERR
INT/RLK/GPO
VDD_PLL33
XTOUT
VDD_XTAL
XTAL2
XTAL1
RESET
LNB2/DRC
TS_DATA[6]
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
23
24
25
26
27
28
29
30
31
32
33
34
35
GND
GND


Số phần tương tự - SI2108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI2108 SILABS-SI2108 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2108-X-FM SILABS-SI2108-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

Mô tả tương tự - SI2108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com