công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5470-030-A-B bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SM5470-030-A-B
Giải thích chi tiết về linh kiện  Low Cost Packaged Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5470-030-A-B bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5470-030-A-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5470-030-A-B Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5470-030-A-B Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5470-030-A-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON
MICROSTRUCTURES
IN CO R P ORAT ED
SM5430/SM5470
Low Cost Packaged Pressure Sensors
• SURFACE MOUNT AND DIP PRESSURE SENSORS LOW-COST PACKAGED DIE
DESCRIPTION
Silicon Microstructures provides its two most
popular pressure sensor die in surface
mount dual in-line package (SO-16)
configuration. All parts in these series are
uncompensated high-performance die
mounted in an injection-molded package
designed for surface mounting.
These packaged sensor die provide a way
for OEM manufacturers to incorporate
pressure sensors at costs close to raw die
prices, without the need to handle, attach, or
wire bond silicon sensor die.
Options include pressure range, absolute or
gage configuration, and a choice of cap
configurations. The result is a versatile
product line suitable for a wide range or
OEM applications.
The low-pressure series (model SM5470)
incorporate Silicon Microstructures unique
low-pressure die to achieve high
performance in pressure ranges from 0.15
PSI full-scale to 3 PSI full-scale in gauge
and differential configuration.
The model SM5430 comes in gauge,
differential, and absolute versions for
pressure ranges from 5 PSI to 100 PSI.
FEATURES
Low pressure (from 0-0.15 to 0-100 PSI
FS)
Easy to Use
Compact and Light-weight
High-performance, Stable Silicon Chip
and Package
Easily Embedded in OEM Equipment
High-volume, Low Cost
APPLICATIONS
Altimeters
Barometric Correction
Tire Gauges
Digital Pressure Gauges
Environmental Monitoring
Appliances
Consumer and Sports
HVAC
Medical Instrumentation and Monitoring
Pressure Differential and Flow
Monitoring
Hand-held Gauges
 2004-2006
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
Rev 1.3 07_06


Số phần tương tự - SM5470-030-A-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Mitus, Inc.
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results

Mô tả tương tự - SM5470-030-A-B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
   Low-Cost, SO-8 Packaged Pressure Sensor
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
   Low pressure sensors
SLP004D SENSORTECHNICS-SLP004D Datasheet
71Kb / 4P
   Low pressure sensors
logo
All Sensors Corporation
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com