công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5652-030-D-5-L bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện SM5652-030-D-5-L
Giải thích chi tiết về linh kiện  Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5652-030-D-5-L bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5652-030-D-5-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5652-030-D-5-L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5651/SM5652
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
CHARACTERISTICS FOR SM5651/SM5652 - SPECIFICATIONS
Test Conditions: Model SM5651 w/excitation = 1.500mA @ 25
oC, Model SM5562 w/excitation = 10.00Vdc @ 25 oC, unless otherwise specified.
Min.
Typ.
Max.
Units
Notes
Excitation
Current (SM5651)
0.00
1.50
3.00
mA
Voltage (SM5652)
0.00
10.00
20.00
V
Output
Span (SM5651)
25.0
45.0
75.0
mV
1
Span (SM5652)
24.5
25.0
25.5
mV
1, 2
Offset
-2.00
+0.20
2.00
mV
Temperature Performance
TC Span
-0.65
+0.20
0.65
%FS
3
TC Offset
-1.00
+0.20
1.00
%FS
3
Temp Hysteresis
-0.30
+0.05
0.30
%FS
4
Accuracy
Linearity
-0.30
+0.05
0.30
%FS
5
Repeatability
-0.30
+0.05
0.30
%FS
Pressure Hysteresis
-0.30
+0.05
0.30
%FS
Sensitivity Matching
-2.00
-0.20
+2.00
%FS
1, 6
Impedance (SM5651)
Z Input
1.80
3.00
3.80
k
Z Output
2.70
3.30
3.80
k
Impedance (SM5652)
Z Input
4.50
8.00
25.00
k
Z Output
2.00
2.50
3.80
k
Temperature Range
Calibration
0
60
°C
Operating
-40
125
°C
Storage
-55
125
°C
Dynamic Characteristics
Proof Pressure
10X
FS Pressure
Burst Pressure
15X
FS Pressure
Notes:
1.
Positive Pressure is defined as entry on the bottom side of the die; gain, during factory calibration, is set using negative pressure
2.
For the SM5652, 0.15 PSI range, span is 23.75 (min) to 26.25 (max).
3.
Measured over a temperature range of 0 to 60
oC.
For 0.15 PSI, TC Span=
±2.0%FS; TC Offset=±2.0%FS; For 0.3 PSI, TC Span==±0.75%FS
4.
For 0.30 PSI, Hysteresis=
±0.45%FS;
For 0.15 PSI, Hysteresis=
±0.65%FS
5.
Best fit straight line; measured from top-side of die
For 0.30 PSI, Linearity=
±0.5%FS;
For 0.15 PSI, Linearity=
±2.5%FS
6.
Sensitivity matching relates to part-to-part matching
For 0.15 PSI, Sensitivity Matching=5.0%FS
Circuit Configuration for SM5651
Pressure Ranges
PSI
5651/ 5652
0.15
001
0.30
003
0.80
008
1.50
015
3.00
030
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the use of any circuits described
herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been checked, no
responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of
a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Notes:
- All dimensions are shown in inches
- Tolerance on all dimensions + 0.005” unless otherwise specified.
Pin Configuration
Model 5651 Pin-out
Model 5652 Pin-Out
1 -Signal Out
1 -Signal Out
2 -Iexc
2 -Vexc
3 +Signal Out*
3 +Signal Out*
4 +Iexc
4 +Vexc
5 Gainset Resistor
5 Do Not Connect
6 Gainset Resistor
6 Do Not Connect
*Output increases as pressure is increased on Positive Differential
Tube or Absolute Tube
DO NOT connect to “Do Not Connect” pins
Rev 1.2 8_02
ORDERING INFORMATION:


Số phần tương tự - SM5652-030-D-5-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
More results

Mô tả tương tự - SM5652-030-D-5-L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
logo
SHENZHEN FUMAN ELECTRON...
FM3773 FUMAN-FM3773 Datasheet
508Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773ES FUMAN-FM3773ES Datasheet
453Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3776 FUMAN-FM3776 Datasheet
248Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773AE FUMAN-FM3773AE Datasheet
441Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
FM3773DS FUMAN-FM3773DS Datasheet
394Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Linkage Goston Electron...
SM8200 LINKAGE-SM8200 Datasheet
4Mb / 7P
   Program-controlled constant pressure chip
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com