công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXXXMB290-SXX00 bảng dữ liệu(PDF) 2 Page - Cree, Inc

tên linh kiện CXXXMB290-SXX00
Giải thích chi tiết về linh kiện  MegaBright짰 Generation II LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREE [Cree, Inc]
Trang chủ  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXMB290-SXX00 bảng dữ liệu(HTML) 2 Page - Cree, Inc

  CXXXMB290-SXX00 Datasheet HTML 1Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 2Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 3Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 4Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 5Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 6Page - Cree, Inc CXXXMB290-SXX00 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree,
Inc.
2
CPR3CK Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxMB290-Sxx00
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM)Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E)Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max.
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460MB290-Sxx00
2.9
3.3
3.7
2
21
C470MB290-Sxx00
2.9
3.3
3.7
2
22
C505MB290-S0600
2.9
3.3
3.9
2
30
C527MB290-S0500
2.9
3.3
3.9
2
35
Mechanical Specifications
CxxxMB290-Sxx00
Description
Dimension
Tolerance
P-N Junction Area (μm)
250 x 250
± 25
Top Area (μm)
300 x 300
± 25
Bottom Area (μm)
200 x 200
± 25
Chip Thickness (μm)
250
± 25
Au Bond Pad Diameter (μm)
112
± 20
Au Bond Pad Thickness (μm)
1.2
± 0.5
Backside Metal Diameter (μm)
104
± 20
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is
performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by the manufacturer in large quantities and are provided for information only.
All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Dominant wavelength measurements
taken using Illuminance E.
Caution: To obtain optimum output efficiency, the maximum height of die attach epoxy on the side of the chip should not exceed
80 μm.
Specifications are subject to change without notice.
1.
2.
3.
4.
5.


Số phần tương tự - CXXXMB290-SXX00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
CXXXDA1000-SXX000 CREE-CXXXDA1000-SXX000 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
CXXXDA3547-SXXX00 CREE-CXXXDA3547-SXXX00 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
CXXXDA700-SXX000 CREE-CXXXDA700-SXX000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
CXXXEZ1000-SXX000 CREE-CXXXEZ1000-SXX000 Datasheet
305Kb / 6P
   Cree짰 EZ1000??LEDs
CXXXEZ1000-SXX000-2 CREE-CXXXEZ1000-SXX000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
More results

Mô tả tương tự - CXXXMB290-SXX00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
MB290 MARKTECH-MB290 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
   SuperBlue Generation II LEDs
logo
Cree, Inc
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
   SuperBlue Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
   SuperBlue Generation II LEDs
C460MB290-0221 MARKTECH-C460MB290-0221 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com