công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD706 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD706
Giải thích chi tiết về linh kiện  Dual Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD706 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD706_02 Datasheet HTML 1Page - Analog Devices AD706_02 Datasheet HTML 2Page - Analog Devices AD706_02 Datasheet HTML 3Page - Analog Devices AD706_02 Datasheet HTML 4Page - Analog Devices AD706_02 Datasheet HTML 5Page - Analog Devices AD706_02 Datasheet HTML 6Page - Analog Devices AD706_02 Datasheet HTML 7Page - Analog Devices AD706_02 Datasheet HTML 8Page - Analog Devices AD706_02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD706–SPECIFICATIONS
AD706J
AD706K
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial Offset
30
100
10
50
mV
Offset
TMIN to TMAX
40
150
25
100
mV
vs. Temp, Average TC
0.2
1.5
0.2
0.6
mV/∞C
vs. Supply (PSRR)
VS =
±2 V to ±18 V
110
132
112
132
dB
TMIN to TMAX
VS =
±2.5 V to ±18 V
106
126
108
126
dB
Long Term Stability
0.3
0.3
mV/Month
INPUT BIAS CURRENT
1
VCM = 0 V
50
200
30
110
pA
VCM =
±13.5 V
250
160
pA
vs. Temp, Average TC
0.3
0.2
pA/
∞C
TMIN to TMAX
VCM = 0 V
300
200
pA
TMIN to TMAX
VCM =
±13.5 V
400
300
pA
INPUT OFFSET CURRENT
VCM = 0 V
30
150
30
100
pA
VCM =
±13.5 V
250
200
pA
vs. Temp, Average TC
0.6
0.4
pA/
∞C
TMIN to TMAX
VCM = 0 V
80
250
80
200
pA
TMIN to TMAX
VCM =
±13.5 V
80
350
80
300
pA
MATCHING CHARACTERISTICS
Offset Voltage
150
75
mV
TMIN to TMAX
250
150
mV
Input Bias Current2
300
150
pA
TMIN to TMAX
500
250
pA
Common-Mode Rejection
106
110
dB
TMIN to TMAX
106
108
dB
Power Supply Rejection
106
110
dB
TMIN to TMAX
104
106
dB
Crosstalk
@ f = 10 Hz
(Figure 19a)
RL = 2 k
W
150
150
dB
FREQUENCY RESPONSE
Unity Gain Crossover
Frequency
0.8
0.8
MHz
Slew Rate
G = –1
0.15
0.15
V/
ms
TMIN to TMAX
0.15
0.15
V/
ms
INPUT IMPEDANCE
Differential
40 2
40 2M
W pF
Common Mode
300 2
300 2G
W pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
±13.5
±14
±13.5
±14
V
Common-Mode Rejection
Ratio
VCM =
±13.5 V
110
132
114
132
dB
TMIN to TMAX
108
128
108
128
dB
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
3
3
pA p-p
f = 10 Hz
50
50
fA/
÷Hz
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.5
0.5
1.0
mV p-p
f = 10 Hz
17
17
nV/
÷Hz
f = 1 kHz
15
22
15
22
nV/
÷Hz
OPEN-LOOP GAIN
VO =
±12 V
RLOAD = 10 k
W
200
2000
400
2000
V/mV
TMIN to TMAX
150
1500
300
1500
V/mV
VO =
±10 V
RLOAD = 2 k
W
200
1000
300
1000
V/mV
TMIN to TMAX
150
1000
200
1000
V/mV
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 k
W±13
±14
±13
±14
V
TMIN to TMAX
±13
±14
±13
±14
V
Current
Short Circuit
±15
±15
mA
Capacitive Load
Drive Capability
Gain = +1
10,000
10,000
pF
(@ TA = +25 C, VCM = 0 V and
15 V dc, unless otherwise noted)
REV. D
–2–


Số phần tương tự - AD706_02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD706-00 ETC2-AD706-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

Mô tả tương tự - AD706_02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com