công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2GSD150 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện TS2GSD150
Giải thích chi tiết về linh kiện  2GB 150x Secure Digital Card
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TS2GSD150 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TS2GSD150 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS2GSD150 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SD
D
D1
1
15
5
50
0
0
2GB 150x Secure Digital Card
Transcend Information Inc.
9
4. Relative Card Address Register (RCA)
The writable 16-bit relative card address register carries the card address assigned by the host during the card
identification. This address is used for the addressed host-card communication after the card identification procedure.
The default value of the RCA register is 0x0001. The value 0x0000 is reserved to set all cards into the Stand-by State
with CMD7. In SD mode, the value of this register is generated by random number generator inside the card. Please
reference to SD specification for detail information.
5. Card Specific Data Register (CSD)
The Card-Specific Data register provides information on how to access the card contents. The CSD defines the data
format, error correction type, maximum data access time, data transfer speed, whether the DSR register can be used
etc. The programmable part of the register can be changed by CMD27.
CSD bit
Width
Name
Field
Value
Note
[127:126]
2
CSD structure
CSD_STRUCTURE
00 b
v1.0
[125:120]
6
Reserved
---
---
---
[119:112]
8
Data read access-time 1
TAAC
7F h
80 ms
[111:104]
8
Data read access-time 2
NSAC
FF h
25.5k clocks
[103:96]
8
Max. bus clock freq.
TRAN_SPEED
32 h
25 MHz
[95:84]
12
Card command classes
CCC
1F5 h
(*1)
[83:80]
4
Max. read data block length
READ_BL_LEN
9 h
512 bytes
[79]
1
Partial block read allowed
READ_BL_PARTIAL
1 b
Support
[78]
1
Write block misalignment
WRITE_BLK_MISALIGN
1 b
Support
[77]
1
Read block misalignment
READ_BLK_MISALIGN
1 b
Support
[76]
1
DSR implemented
DSR_IMP
0 b
Not support
[75:74]
2
Reserved
---
---
---
[73:62]
12
Device size
C_SIZE
(*2)
(*2)
[61:59]
3
Max. R_curr @ VDD min
VDD_R_CURR_MIN
101 b
35 mA
[58:56]
3
Max R_curr @ VDD max
VDD_R_CURR_MAX
101 b
45 mA
[55:53]
3
Max W_curr @ VDD min
VDD_W_CURR_MIN
101 b
35 mA
[52:50]
3
Max W_curr @ VDD max
VDD_W_CURR_MAX
101 b
45 mA
[49:47]
3
Device size multiplier
C_SIZE_MULT
(*2)
(*2)
[46]
1
Erase single block enable
ERASE_BLK_EN
0 b
Not allowed
[45:39]
7
Erase sector size
SECTOR_SIZE
(*3)
(*3)
[38:32]
7
Write protect group size
WP_GRP_SIZE
(*4)
(*4)
[31]
1
Write protect group enable
WP_GRP_ENABLE
1 b
Support
[30:29]
2
Reserved
---
---
---
[28:26]
3
Write speed factor
R2W_FACTOR
101 b
32X
[25:22]
4
Max. write data block length
WRITE_BL_LEN
9 h
512 bytes
[21]
1
Partial block write allowed
WRITE_BL_PARTIAL
1 b
Support
[20:16]
5
Reserved
---
---
---
[15]
1
File format group
FILE_FORMAT_GRP
0 b
HD like FAT


Số phần tương tự - TS2GSD150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
More results

Mô tả tương tự - TS2GSD150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
AVX Corporation
5638 AVX-5638 Datasheet
172Kb / 4P
   Secure Digital Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com