công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT534AN bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện 74ABT534AN
Giải thích chi tiết về linh kiện  Octal D-type flip-flop, inverting (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

74ABT534AN bảng dữ liệu(HTML) 2 Page - International Rectifier

  74ABT534AN Datasheet HTML 1Page - International Rectifier 74ABT534AN Datasheet HTML 2Page - International Rectifier 74ABT534AN Datasheet HTML 3Page - International Rectifier 74ABT534AN Datasheet HTML 4Page - International Rectifier 74ABT534AN Datasheet HTML 5Page - International Rectifier 74ABT534AN Datasheet HTML 6Page - International Rectifier 74ABT534AN Datasheet HTML 7Page - International Rectifier 74ABT534AN Datasheet HTML 8Page - International Rectifier 74ABT534AN Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT534A
Octal D-type flip-flop, inverting (3-State)
2
1997 Feb 03
853-1910 17722
FEATURES
8-bit positive edge triggered register
3-State output buffers
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
DESCRIPTION
The 74ABT534A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT534A is an 8-bit, edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by the clock (CP) and Output Enable (OE) control
gates.
The register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the clock operation.
When OE is Low, the stored data appears at the outputs. When OE
is High, the outputs are in the High-impedance “OFF” state, which
means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF; VCC = 5V
3.3
3.6
ns
CIN
Input capacitance
VI = 0V or VCC
3.5
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
6.5
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
100
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT534A N
74ABT534A N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT534A D
74ABT534A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT534A DB
74ABT534A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT534A PW
74ABT534APW DH
SOT360-1
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
OE
SA00161
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
3, 4, 7, 8,
13, 14, 17, 18
D0-D7
Data inputs
2, 5, 6, 9,
12, 15, 16, 19
Q0-Q7
Inverting 3-State outputs
11
CP
Clock pulse input
(active rising edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Số phần tương tự - 74ABT534AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
More results

Mô tả tương tự - 74ABT534AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com