công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SJ662 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện 2SJ662
Giải thích chi tiết về linh kiện  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ662 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  2SJ662 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ662 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ662 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ662 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ662
No.8587-1/4
Features
Low ON-resistance.
Ultrahigh-speed switching.
4V drive.
Motor drive, DC / DC converter.
Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--50
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--200
A
Allowable Power Dissipation
PD
1.65
W
Tc=25
°C75
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Enargy (Single Pulse) *1
EAS
435
mJ
Avalanche Current *2
IAV
--50
A
Note : *1 VDD=30V, L=200µH, IAV=--50A
*2 L
≤200µH, Single pulse
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS= ±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--25A
25
42
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--25A, VGS=--10V
20
26
m
RDS(on)2
ID=--25A, VGS=--4V
27
38
m
Marking : J662
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8587
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
D2005QA MS IM TB-00001985
2SJ662
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Số phần tương tự - 2SJ662

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
2SJ660 SANYO-2SJ660 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ661 SANYO-2SJ661 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ661 SANYO-2SJ661 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
2SJ661 ONSEMI-2SJ661 Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
2SJ661-1E ONSEMI-2SJ661-1E Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
More results

Mô tả tương tự - 2SJ662

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com