công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1599T bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TDA1599T
Giải thích chi tiết về linh kiện  IF amplifier/demodulator for FM radio receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1599T bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TDA1599T Datasheet HTML 3Page - NXP Semiconductors TDA1599T Datasheet HTML 4Page - NXP Semiconductors TDA1599T Datasheet HTML 5Page - NXP Semiconductors TDA1599T Datasheet HTML 6Page - NXP Semiconductors TDA1599T Datasheet HTML 7Page - NXP Semiconductors TDA1599T Datasheet HTML 8Page - NXP Semiconductors TDA1599T Datasheet HTML 9Page - NXP Semiconductors TDA1599T Datasheet HTML 10Page - NXP Semiconductors TDA1599T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
May 1994
7
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
CHARACTERISTICS (TDA1599T PINNING)
VP = 8.5 V; Tamb = +25 °C; FM-MUTE-ON (I7 = 0); fIF = 10.7 MHz; deviation ±22.5 kHz with fm = 400 Hz; Vi = 10 mV RMS
at pin 20; de-emphasis of 50
µs; tuned circuit at pins 10 and 11 aligned for symmetrical stop pulses; measurements
taken in Fig.4 unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 1)
7.5
8.5
12
V
IP
supply current
I2 = I7 = 0
20
26
mA
Mode switch input
I7
input current for FM-MUTE-ON
0
mA
V7
input voltage for FM-MUTE-ON
2.4
2.8
3.2
V
input voltage for FM-MUTE-OFF
0.9VREF
−−
V
input voltage for FM-OFF
AF attenuation > 60 dB
−−
1.4
V
IF amplifier and demodulator
Zi
demodulator input impedance
between pins 10 and 11
25
40
55
k
Ci
demodulator input capacitance
between pins 10 and 11
6
pF
AF output (pin 4)
Ro
output resistance
400
−Ω
V4
DC output level
ViIF ≤ 5 µV RMS on pin 20
2.75
3.1
3.45
V
RR1000
power supply ripple rejection on pin 4 f = 1000 Hz;
Vripple =50mVRMS
33
36
dB
Tuning stop detector
∆f
detuning frequency for STOP-0
on pin 15; Fig.11
for V15 ≥ 3.5 V
−−
+14.0
kHz
for V15 ≤ 0.3 V
+22.0
−−
kHz
∆f
detuning frequency for STOP-1
on pin 14; Fig.10
for V14 ≥ 3.5 V
−−
−14.0
kHz
for V14 ≤ 0.3 V
−22.0
−−
kHz
V20
dependence on input voltage for
STOP-0 and STOP-1 (RMS value)
Fig.9;
V14, 15 ≥ 3.5 V
250
−−
µV
V14, 15 ≤ 0.3 V
−−
50
µV
V14, 15
output voltage
I14, 15 = 1 mA
−−
0.3
V
Reference voltage source (pin 5)
VREF
reference output voltage
I5 = −1 mA
3.3
3.7
4.1
V
R5
output resistance
I5 = −1 mA
40
80
TC
temperature coefficient
3.3
mV/VK


Số phần tương tự - TDA1599T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
More results

Mô tả tương tự - TDA1599T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com