công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1599 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1599
Giải thích chi tiết về linh kiện  IF amplifier/demodulator for FM radio receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1599 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1599 Datasheet HTML 1Page - NXP Semiconductors TDA1599 Datasheet HTML 2Page - NXP Semiconductors TDA1599 Datasheet HTML 3Page - NXP Semiconductors TDA1599 Datasheet HTML 4Page - NXP Semiconductors TDA1599 Datasheet HTML 5Page - NXP Semiconductors TDA1599 Datasheet HTML 6Page - NXP Semiconductors TDA1599 Datasheet HTML 7Page - NXP Semiconductors TDA1599 Datasheet HTML 8Page - NXP Semiconductors TDA1599 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
May 1994
2
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1599
FEATURES
• Balanced limiting amplifier
• Balanced coincidence demodulator
• Two open-collector stop pulse outputs for
microcomputer tuning control
• Simulated behaviour of a ratio detector (internal field
strength and detuning dependent voltage for dynamic
AF signal muting)
• Mono/stereo blend field strength indication control
voltage
• AFC output
• 3-state mode switch for FM-MUTE-ON, FM-MUTE-OFF
and FM-OFF
• Internal compensation of AF signal total harmonic
distortion (THD)
• Built-in hum and ripple rejection circuits.
GENERAL DESCRIPTION
The TDA1599 provides IF amplification, symmetrical
quadrature demodulation and level detection for quality
home and car FM radio receivers and is suitable for mono
and stereo reception. It may also be applied to common
front ends, stereo decoders and AM receiver circuits.
QUICK REFERENCE DATA
All pin numbers mentioned in this data sheet refer to the SO-version (TDA1599T) unless otherwise specified.
ORDERING INFORMATION
Notes
1. SOT102-1; 1996 August 29.
2. SOT163-1; 1996 August 29.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 1)
7.5
8.5
12
V
IP
supply current (I2 = I7 = 0)
20
26
mA
Vi
IF input sensitivity for limiting on pin 20 (RMS value)
14
22
35
µV
Vo
AF output signal on pin 4 (RMS value)
180
200
220
mV
S/N
signal-to-noise ratio (fm = 400 Hz; ∆f = ±75 kHz)
82
dB
THD
total harmonic distortion (fm = 1 kHz; ∆f = ±75 kHz)
0.1
0.3
%
with K2 adjustment and FM-MUTE-OFF
0.07
0.25
%
Tamb
operating ambient temperature
−40
+85
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1599
18
DIL
plastic
SOT102(1)
TDA1599T
20
mini-pack
plastic
SOT163A(2)


Số phần tương tự - TDA1599

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
More results

Mô tả tương tự - TDA1599

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com