công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1592T bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1592T
Giải thích chi tiết về linh kiện  PLL stereo decoder and noise blanker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1592T bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1592T Datasheet HTML 1Page - NXP Semiconductors TDA1592T Datasheet HTML 2Page - NXP Semiconductors TDA1592T Datasheet HTML 3Page - NXP Semiconductors TDA1592T Datasheet HTML 4Page - NXP Semiconductors TDA1592T Datasheet HTML 5Page - NXP Semiconductors TDA1592T Datasheet HTML 6Page - NXP Semiconductors TDA1592T Datasheet HTML 7Page - NXP Semiconductors TDA1592T Datasheet HTML 8Page - NXP Semiconductors TDA1592T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 May 31
2
Philips Semiconductors
Preliminary specification
PLL stereo decoder and noise blanker
TDA1592
FEATURES
• Adjustment-free voltage controlled PLL oscillator for
ceramic resonator (f = 456 kHz)
• Pilot signal dependent mono/stereo switching
• Analog control of mono/stereo change over
[stereo blend, Stereo Noise Controller (SNC)]
• Adjacent channel noise suppression (114 kHz)
• Pilot canceller
• Analog control of de-emphasis; High Cut Control (HCC)
• Reduced and controlled de-emphasis for AM operation
(pin 7 to GND)
• Applicable as source selector for AM/FM/cassette
switching
• Soft mute for silent tuning
• Separate interference noise detector
• Integrated input low-pass filter for delayed noise
blanking
• Noise blanking at MPX-demodulator outputs.
GENERAL DESCRIPTION
The TDA1592 is a monolithic bipolar integrated circuit
providing the stereo decoder function and noise blanking
for FM car radio applications.
The device operates in a power supply range of
7.5 to 12 V.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 5)
7.5
10
12
V
IP
supply current
15
20
mA
Vo(rms)
audio output signal (RMS value)
800
900
1000
mV
THD
total harmonic distortion
0.1
0.3
%
S/N
signal-to-noise ratio
82
dB
αcs
channel separation
30
40
dB
Vtrigg
interference voltage trigger level
10
mV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1592
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
TDA1592T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1


Số phần tương tự - TDA1592T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1593T PHILIPS-TDA1593T Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Mô tả tương tự - TDA1592T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com