công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1574T bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1574T
Giải thích chi tiết về linh kiện  Integrated FM tuner for radio receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1574T bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1574T Datasheet HTML 1Page - NXP Semiconductors TDA1574T Datasheet HTML 2Page - NXP Semiconductors TDA1574T Datasheet HTML 3Page - NXP Semiconductors TDA1574T Datasheet HTML 4Page - NXP Semiconductors TDA1574T Datasheet HTML 5Page - NXP Semiconductors TDA1574T Datasheet HTML 6Page - NXP Semiconductors TDA1574T Datasheet HTML 7Page - NXP Semiconductors TDA1574T Datasheet HTML 8Page - NXP Semiconductors TDA1574T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
August 1990
2
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574T
GENERAL DESCRIPTION
The TDA1574T is an integrated FM tuner circuit designed for use in the RF/IF section of car radios and home receivers.
The circuit contains a mixer and an oscillator and a linear IF amplifier for signal processing. The circuit also incorporates
the following features.
Features
• Keyed Automatic Gain Control (AGC)
• Regulated reference voltage
• Buffered oscillator output
• Electronic standby switch
• Internal buffered mixer driving.
QUICK REFERENCE DATA
PACKAGE OUTLINE
20-lead mini-pack; plastic (SO20; SOT163A); SOT163-1; 1996 September 9.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
(pin 17)
VP
7
14
V
Mixer input bias voltage
(pins 1 and 2)
V1,2-4
1
V
Noise factor
NF
9
dB
Oscillator output voltage
(pin 6)
V6-4
2
V
Output admittance at pin 6
f = 108.7 MHz
Y22
1.5 + j2
ms
Oscillator output buffer
DC output voltage (pin 9)
V9-4
6
V
Total harmonic distortion
THD
−−15
dB
Linear IF amplifier output
voltage (pin 12)
V12-4
4.5
V
Noise factor
RS = 300 Ω
NF
6.5
dB
Keyed AGC output voltage
range (pin 20)
V20-4
0.5
VP−0.3
V


Số phần tương tự - TDA1574T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
More results

Mô tả tương tự - TDA1574T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com