công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1561 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1561
Giải thích chi tiết về linh kiện  2 x 23 W high efficiency car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1561 Datasheet HTML 1Page - NXP Semiconductors TDA1561 Datasheet HTML 2Page - NXP Semiconductors TDA1561 Datasheet HTML 3Page - NXP Semiconductors TDA1561 Datasheet HTML 4Page - NXP Semiconductors TDA1561 Datasheet HTML 5Page - NXP Semiconductors TDA1561 Datasheet HTML 6Page - NXP Semiconductors TDA1561 Datasheet HTML 7Page - NXP Semiconductors TDA1561 Datasheet HTML 8Page - NXP Semiconductors TDA1561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Aug 14
5
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
FUNCTIONAL DESCRIPTION
The TDA1561Q contains two identical amplifiers with
differential inputs. At low output power (up to output
amplitudes of 3 V (RMS) at VP = 14.4 V), the device
operates as a normal SE amplifier. When a larger output
voltage swing is needed, the circuit switches internally to
BTL operation.
With a sine wave input signal the dissipation of a
conventional BTL amplifier up to 2 W output power is more
than twice the dissipation of the TDA1561Q (see Fig.9).
In normal use, when the amplifier is driven with music-like
signals, the high (BTL) output power is only needed for a
small percentage of time. Under the assumption that a
music signal has a normal (Gaussian) amplitude
distribution, the dissipation of a conventional BTL amplifier
with the same output power is approximately 70% higher
(see Fig.10).
The heatsink has to be designed for use with music
signals. With such a heatsink, the thermal protection will
disable the BTL mode when the junction temperature
exceeds 145
°C. In this case the output power is limited to
5 W per amplifier.
The gain of each amplifier is internally fixed at 32 dB. With
the MODE pin, the device can be switched to the following
modes:
• Standby with low standby current (<50 µA)
• Mute condition, DC adjusted
• On, operation
• SE-only, operation (BTL disabled).
The device is fully protected against short-circuiting of the
output pins to ground and to the supply voltage. It is also
protected against short-circuiting the loudspeaker and
high junction temperatures. In the event of a permanent
short-circuit condition to ground or the supply voltage, the
output stage will be switched off causing a low dissipation.
With permanent short-circuiting of the loudspeaker, the
output stage will be repeatedly switched on and off.
The duty cycle in the ‘on’ condition is low enough to
prevent excessive dissipation.
To avoid plops during switching from ‘mute’ to ‘on’ or from
‘on’ to ‘mute/standby’ while an input signal is present, a
built-in zero-crossing detector allows only switching at
zero input voltage. However, when the supply voltage
drops below 6 V (e.g. engine start), the circuit mutes
immediately avoiding clicks coming from electronic
circuitry preceding the power amplifier.
The voltage of the SE electrolytic capacitor (pin 11) is
always kept at 0.5VP by means of a voltage buffer (see
Fig.1). The value of this capacitor has an important
influence on the output power in SE mode, especially at
low signal frequencies, a high value is recommended to
minimize dissipation at low frequencies.


Số phần tương tự - TDA1561

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

Mô tả tương tự - TDA1561

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
   High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
   2 x 35 W power amplifier for car radio
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
   2 x 37 W dual/quad power amplifier for car radio
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com