công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1558 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TDA1558
Giải thích chi tiết về linh kiện  2 x 22 W or 4 x 11 W single-ended car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1558 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TDA1558 Datasheet HTML 3Page - NXP Semiconductors TDA1558 Datasheet HTML 4Page - NXP Semiconductors TDA1558 Datasheet HTML 5Page - NXP Semiconductors TDA1558 Datasheet HTML 6Page - NXP Semiconductors TDA1558 Datasheet HTML 7Page - NXP Semiconductors TDA1558 Datasheet HTML 8Page - NXP Semiconductors TDA1558 Datasheet HTML 9Page - NXP Semiconductors TDA1558 Datasheet HTML 10Page - NXP Semiconductors TDA1558 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
May 1992
7
Philips Semiconductors
Product specification
2 x 22 W or 4 x 11 W single-ended car
radio power amplifier
TDA1558Q
Notes to the characteristics
1. All characteristics are measured using the circuit shown in Fig.4
2. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
3. At 18 V < VP < 30 V, the DC output voltage ≤ VP/2.
4. Frequency response externally fixed.
5. Ripple rejection measured at the output with a source-impedance of 0
Ω (max. ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz.
6. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
7. Noise output voltage independent of RS (Vin = 0).
8. Output power is measured directly at the output pins of the IC.
|ZI|
input impedance
25
30
38
k
Vno
noise output voltage
ON; RS = 0; note 6
200
300
µV
RS = 10 kΩ; note 6
350
−µV
MUTE; notes 6 and 7
180
−µV
α
channel separation
RS = 10 kΩ
40
−−
dB
|
∆Gv|
channel unbalance
−−
1dB
Quad single-ended application (see Fig.5)
PO
output power
note 8
THD = 0.5%
4
5
W
THD = 10%
5.5
6
W
RL = 2 Ω; THD = 0.5%
7.5
8.5
W
RL = 2 Ω; THD = 10%
10
11
W
THD
total harmonic distortion
PO = 1 W
0.1
%
flow
low frequency roll-off
−3 dB; note 4
45
Hz
fhigh
high frequency roll-off
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection
note 5
ON
44
−−
dB
MUTE
44
−−
dB
stand-by
80
−−
dB
|ZI|
input impedance
50
60
75
k
Vno
noise output voltage
ON; RS = 0; note 6
150
230
µV
RS = 10 kΩ; note 6
250
−µV
MUTE; notes 6 and 7
120
−µV
α
channel separation
RS = 10 kΩ
40
−−
dB
|
∆Gv|
channel unbalance
−−
1dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Số phần tương tự - TDA1558

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Mô tả tương tự - TDA1558

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com