công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1556 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA1556
Giải thích chi tiết về linh kiện  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1556 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA1556 Datasheet HTML 2Page - NXP Semiconductors TDA1556 Datasheet HTML 3Page - NXP Semiconductors TDA1556 Datasheet HTML 4Page - NXP Semiconductors TDA1556 Datasheet HTML 5Page - NXP Semiconductors TDA1556 Datasheet HTML 6Page - NXP Semiconductors TDA1556 Datasheet HTML 7Page - NXP Semiconductors TDA1556 Datasheet HTML 8Page - NXP Semiconductors TDA1556 Datasheet HTML 9Page - NXP Semiconductors TDA1556 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
July 1994
6
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2
3. Conditions: V14 = 0 V; short circuit to ground; switch V14 to MUTE or ON condition, rise time at V14 = ≥ 10 µs
4. Frequency response externally fixed
5. Ripple rejection measured at the output with a source-impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz
6. Mismatching is given by the following equation:
7. Noise measured in a bandwidth of 20 Hz to 20 kHz
8. Noise output voltage independent of RS (VI = 0 V)
9. Common mode rejection ratio measured at the output with both inputs tied together. VI(RMS) < 3.5 V;
f = 100 Hz - 10 kHz
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI max = 1 V; f = 1 kHz
−−
2mV
Vos
DC output offset voltage
−−
100
mV
STANDBY CONDITION
Vsb
stand-by voltage
0
2V
Isb
DC standby current
V14 < 0.5 V
−−
100
µA
0.5 V
≤ V14 ≤ 2.0 V
−−
500
µA
Isw
switch-on current
25
60
µA
IPSC
supply current
short-circuit to ground;
note 3
10
-
mA
Loudspeaker protection
∆V
6-8, 10-12
DC voltage across RL
−−
1.0
V
td
delay time
0.5
s
Protection active (
∆V4-6 or ∆V7-9≤ 1.0 V
I15
current information
25
−µA
V15
voltage information
3.6
−−
V
Protection inactive (
∆V6-8 and ∆V10-12≤ 0.1 V)
V15
voltage information
−−
0.3
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Z
i
Z
i1
Z
i2
Z
i1
---------------------
100
°°⁄
×
=
Z
i
Z
i3
Z
i4
Z
i3
---------------------
100
°°⁄
×
=


Số phần tương tự - TDA1556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Mô tả tương tự - TDA1556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com