công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1555Q bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TDA1555Q
Giải thích chi tiết về linh kiện  4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1555Q bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TDA1555Q Datasheet HTML 1Page - NXP Semiconductors TDA1555Q Datasheet HTML 2Page - NXP Semiconductors TDA1555Q Datasheet HTML 3Page - NXP Semiconductors TDA1555Q Datasheet HTML 4Page - NXP Semiconductors TDA1555Q Datasheet HTML 5Page - NXP Semiconductors TDA1555Q Datasheet HTML 6Page - NXP Semiconductors TDA1555Q Datasheet HTML 7Page - NXP Semiconductors TDA1555Q Datasheet HTML 8Page - NXP Semiconductors TDA1555Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
May 1992
4
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier with distortion detector
TDA1555Q
PINNING
FUNCTIONAL DESCRIPTION
The TDA1555Q contains four identical amplifiers with differential input stages (two inverting and two non-inverting) and
can be used for single-ended or bridge applications. The gain of each amplifier is fixed at 20 dB (26 dB in BTL). Special
features of this device are:
Mute/stand-by switch
• low stand-by current (< 100 µA)
• low mute/stand-by switching current (low cost supply switch)
• mute facility
Distortion detector
• At onset of clipping of one or more channels the distortion detector (pin 15) becomes active. This information can be
used to drive a sound processor or DC volume control to decrease the input signal and so limit distortion.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
1
NINV1
non-inverting input 1
9
n.c.
not connected
2
INV1
inverting input 1
10
OUT3
output 3
3
GND
ground (signal)
11
GND2
power ground 2 (substrate)
4
RR
supply voltage ripple rejection
12
OUT4
output 4
5VP1
positive supply voltage 1
13
VP2
positive supply voltage 2
6
OUT1
output 1
14
M/SS
mute/stand-by switch
7
GND1
power ground 1 (substrate)
15
DD
distortion detector
8
OUT2
output 2
16
INV2
inverting input 2
17
NINV2
non-inverting input 2
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
operating
VP
18
V
non-operating
VP
30
V
load dump protected
during 50 ms;
tr ≥ 2.5 ms
VP
45
V
Non-repetitive peak output current
IOSM
6A
Repetitive peak output current
IORM
4A
Storage temperature range
Tstg
−55
+ 150
°C
Junction temperature
Tj
150
°C
AC and DC short-circuit-safe voltage
VPSC
18
V
Energy handling capability at outputs
VP = 0 V
200
mJ
Reverse polarity
VPR
6V
Total power dissipation
see Fig.2
Ptot
60
W


Số phần tương tự - TDA1555Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Mô tả tương tự - TDA1555Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1556Q PHILIPS-TDA1556Q Datasheet
64Kb / 10P
   2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com