công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1554Q bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1554Q
Giải thích chi tiết về linh kiện  4 x 11 W single-ended or 2 x 22 W power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1554Q bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1554Q Datasheet HTML 1Page - NXP Semiconductors TDA1554Q Datasheet HTML 2Page - NXP Semiconductors TDA1554Q Datasheet HTML 3Page - NXP Semiconductors TDA1554Q Datasheet HTML 4Page - NXP Semiconductors TDA1554Q Datasheet HTML 5Page - NXP Semiconductors TDA1554Q Datasheet HTML 6Page - NXP Semiconductors TDA1554Q Datasheet HTML 7Page - NXP Semiconductors TDA1554Q Datasheet HTML 8Page - NXP Semiconductors TDA1554Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
May 1992
2
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier
TDA1554Q
GENERAL DESCRIPTION
The TDA1554Q is an integrated class-B output amplifier in a 17-lead single-in-line (SIL) plastic power package.
The circuit contains 4 x 11 W single-ended or 2 x 22 W bridge amplifiers. The device is primarily developed for car radio
applications.
Features
• Requires very few external components
• Flexibility in use − Quad single-ended or stereo BTL
• High output power
• Low offset voltage at outputs (important for BTL)
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• AC and DC short-circuit-safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Low thermal resistance
• Identical inputs (inverting and non-inverting)
• Flexible leads.
QUICK REFERENCE DATA
PACKAGE OUTLINE
17-lead SIL-bent-to-DIL; plastic power (SOT243R); SOT243-1; 1996 July 23.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6.0
14.4
18.0
V
Repetitive peak output current
IORM
−−
4A
Total quiescent current
Itot
80
160
mA
Stand-by current
Isb
0.1
100
µA
Stereo BTL application
Output power
RL = 4 Ω; THD = 10%
Po
20
22
W
Supply voltage ripple rejection
RR
48
−−
dB
Noise output voltage
(RMS value)
RS = 0 Ω
Vno(rms)
70
−µV
Input impedance
|ZI|
253038k
DC output offset voltage
|
∆V
o|
−−
100
mV
Quad single-ended application
Output power
THD = 10%
RL = 4 Ω
Po
6
W
RL = 2 Ω
Po
11
W
Supply voltage ripple rejection
RR
48
−−
dB
Noise output voltage
(RMS value)
RS = 0 Ω
Vno(rms)
50
−µV
Input impedance
|ZI|
506075k


Số phần tương tự - TDA1554Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
More results

Mô tả tương tự - TDA1554Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com