công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1553 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện TDA1553
Giải thích chi tiết về linh kiện  2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1553 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  TDA1553 Datasheet HTML 1Page - NXP Semiconductors TDA1553 Datasheet HTML 2Page - NXP Semiconductors TDA1553 Datasheet HTML 3Page - NXP Semiconductors TDA1553 Datasheet HTML 4Page - NXP Semiconductors TDA1553 Datasheet HTML 5Page - NXP Semiconductors TDA1553 Datasheet HTML 6Page - NXP Semiconductors TDA1553 Datasheet HTML 7Page - NXP Semiconductors TDA1553 Datasheet HTML 8Page - NXP Semiconductors TDA1553 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier with loudspeaker protection
TDA1553Q
PINNING
FUNCTIONAL DESCRIPTION
The TDA1553Q contains two identical amplifiers with differential input stages and can be used for bridge applications.
The gain of each amplifier is fixed at 26 dB. Special features of this device are:
Mute/stand-by switch
• low stand-by current (< 100 µA)
• low mute/stand-by switching current (low cost supply switch)
• mute facility.
Loudspeaker protection
When a short-circuit to ground is made, which forces a DC voltage across the loudspeaker of
≥ 1 V, a built-in protection
circuit becomes active and limits the DC voltage across the loudspeaker to
≤ 1 V. The delay time of the protection circuit
can be controlled by an external capacitor connected to pin 12.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
1
IP1
input 1
8
GND2
power ground 2 (substrate)
2
GND
ground (signal)
9
OUT2B
output 2B
3VP1
positive supply voltage 1
10
VP2
positive supply voltage 2
4
OUT1A
output 1A
11
M/SS
mute/stand-by switch
5
GND1
power ground 1 (substrate)
12
LSP
loudspeaker protection
6
OUT1B
output 1B
13
IP2
input 2
7
OUT2A
output 2A
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
operating
VP
18
V
non-operating
VP
30
V
load dump protected
during 50 ms;
tr ≥ 2.5 ms
VP
45
V
Non-repetitive peak output current
IOSM
6A
Repetitive peak output current
IORM
4A
Storage temperature range
Tstg
−55
+ 150
°C
Junction temperature
Tj
150
°C
AC and DC short-circuit-safe voltage
VPSC
18
V
Energy handling capability at outputs
VP = 0 V
200
mJ
Reverse polarity
VPR
6V
Total power dissipation
see Fig.2
Ptot
60
W


Số phần tương tự - TDA1553

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Mô tả tương tự - TDA1553

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com