công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1548TZ bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện TDA1548TZ
Giải thích chi tiết về linh kiện  Bitstream continuous calibration filter-DAC with headphone driver and DSP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1548TZ bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button TDA1548TZ Datasheet HTML 7Page - NXP Semiconductors TDA1548TZ Datasheet HTML 8Page - NXP Semiconductors TDA1548TZ Datasheet HTML 9Page - NXP Semiconductors TDA1548TZ Datasheet HTML 10Page - NXP Semiconductors TDA1548TZ Datasheet HTML 11Page - NXP Semiconductors TDA1548TZ Datasheet HTML 12Page - NXP Semiconductors TDA1548TZ Datasheet HTML 13Page - NXP Semiconductors TDA1548TZ Datasheet HTML 14Page - NXP Semiconductors TDA1548TZ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1995 Nov 15
11
Philips Semiconductors
Product specification
Bitstream continuous calibration filter-DAC
with headphone driver and DSP
TDA1548T
DC CHARACTERISTICS
All voltages referenced to ground (pins 1, 11 and 24); VDDD =VDDA =VDDO =3V; Tamb =25 °C, RL =32 Ω (note 1);
common operational amplifier application; unless otherwise specified.
Notes
1. RL is the AC impedance of the external circuitry connected to the audio outputs of the application circuit.
2. All power supply pins (VDD and VSS) must be connected to the same external power supply unit.
3. No operational amplifier load resistor.
4. Load capacitance greater than 50 pF, an inductor of 22
µH connected in parallel with a resistor of 270 Ω must be
inserted between the load and the operational amplifier output.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage pin 10
note 2
2.7
3.0
4.0
V
VDDA
analog supply voltage pin 23 note 2
2.7
3.0
4.0
V
VDDO
opamp supply voltage pin 28 note 2
2.7
3.0
4.0
V
IDDD
digital supply current
at digital silence
4.5
mA
IDDA
analog supply current
at digital silence
4.5
mA
IDDO
opamp supply current
at digital silence; note 3
6.0
mA
Ptot
total power dissipation
note 3
50
mW
Digital inputs
VIH
HIGH level input voltage on
pins 5 to 9 and 12 to 17
0.7VDDD
−−
V
VIL
LOW level input voltage on
pins 5 to 9 and 12 to 17
−−
0.3VDDD
V
|ILI|
input leakage current on
pins 7 to 9 and 12 to 17
−−
10
µA
CI
input capacitance on
pins 5 to 9 and 12 to 17
−−
10
pF
Analog inputs pins ADVC, ADBB, ADTR and AD3S
RES
input resolution
−−
6
bit
CI
input capacitance
10
pF
RI
input resistance
pins ADBB, ADTR and ADVC
1
−−
M
pin AD3S
20
k
Analog reference pin ADref
VADref
reference voltage pin 18
0.45VDDA
0.5VDDA
0.55VDDA
V
RL(ADref)
reference output load pin 18
3.0
−−
k
Analog audio pins
Vref
reference voltage pin 25
with respect to VSSO
0.45VDDA
0.5VDDA
0.55VDDA
V
RO
output resistance pin 25
3
k
RCONV
current-to-voltage
conversion resistor
1.2
k
IO(max)
maximum output current
(THD + N)/S < 0.1%
35
mA
CL
output load capacitance
note 4
−−
50
pF


Số phần tương tự - TDA1548TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
TDA1548AG DELTA-TDA1548AG Datasheet
751Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Mô tả tương tự - TDA1548TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com