công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1547 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA1547
Giải thích chi tiết về linh kiện  Dual top-performance bitstream DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1547 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA1547 Datasheet HTML 2Page - NXP Semiconductors TDA1547 Datasheet HTML 3Page - NXP Semiconductors TDA1547 Datasheet HTML 4Page - NXP Semiconductors TDA1547 Datasheet HTML 5Page - NXP Semiconductors TDA1547 Datasheet HTML 6Page - NXP Semiconductors TDA1547 Datasheet HTML 7Page - NXP Semiconductors TDA1547 Datasheet HTML 8Page - NXP Semiconductors TDA1547 Datasheet HTML 9Page - NXP Semiconductors TDA1547 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
September 1991
6
Philips Semiconductors
Product specification
Dual top-performance bitstream DAC
TDA1547
Notes to the quick reference data
1. Output level tracks linearly with both the clock frequency and the reference voltage (Vref L or Vref R).
2. Device measured in differential mode with external components as shown in Fig.5.
3. Measured with a one-bit data signal generated by the SAA7350 from an 8 fs (352.8 kHz), 20-bit, 1 kHz digital
sinewave. Measured over a 20 Hz to 20 kHz bandwidth.
4. Measured with a one-bit data signal generated by the SAA7350 from an 8 fs (352.8 kHz), 20-bit, 20 Hz to 20 kHz
digital sinewave. Measured over a 20 Hz to 20 kHz bandwidth.
5. The specified signal-to-noise ratio includes noise introduced by the application components as shown in Fig.5.
FUNCTIONAL DESCRIPTION
Both channels are completely separated to reach the desired high crosstalk suppression level.
Each channel consists of the following functional parts:
THERMAL RESISTANCE
Supply current
(THD + N)/S
THD + Noise; 0 dB
1 kHz; notes 2 and 3
−−101
−96
dB
0.0009 0.0016 %
(THD + N)/S
THD + Noise; 0 dB
f = 20 Hz to 20 kHz;
−−101
-
dB
notes 2 and 4
0.0009 -
%
(THD + N)/S
THD + Noise;
−20 dB
f = 1 kHz;
notes 2 and 3
−−88
−84
dB
(THD + N)/S
THD + Noise;
−60 dB
f = 1 kHz;
notes 2 and 3
−−48
−44
dB
S/N
signal-to-noise ratio
pattern 0101..;
notes 2 and 5
109
111
dB
S/N
signal-to-noise ratio; “A”-weighting
pattern 0101..;
notes 2 and 5
113
dB
fCLK
maximum clock frequency
−−
10
MHz
α
channel separation
f = 1 kHz
101
115
dB
Tamb
operating ambient temperature
−20
70
°C
− One-bit input, which latches the incoming data to the system clock.
− Switch driver circuit, which generates the non-overlapping clock- and data-signals that control the DAC switched
capacitor networks.
− Switched capacitor network, this forms the actual DAC function, it supplies charge packets to the low-pass filter,
under control of the incoming one-bit code.
− Two high performance operational amplifiers, that perform the charge packet to voltage conversion and deliver a
differential output signal. The first pole of the low-pass filter is built around them.
SYMBOL
PARAMETER
MAX.
UNIT
Rth j-a
from junction to ambient
60
K/W
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT


Số phần tương tự - TDA1547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

Mô tả tương tự - TDA1547

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1307 PHILIPS-TDA1307 Datasheet
192Kb / 36P
   High-performance bitstream digital filter
1996 Jan 08
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
logo
ESS Technology,Inc
ES9008 ESS-ES9008 Datasheet
479Kb / 2P
   Highest Performance Audio DAC
logo
Maxim Integrated Produc...
MAX5868EVKIT MAXIM-MAX5868EVKIT Datasheet
10Mb / 55P
   Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Rev 0; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com