công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1521 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA1521
Giải thích chi tiết về linh kiện  2 x 12 W hi-fi audio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA1521 Datasheet HTML 2Page - NXP Semiconductors TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors TDA1521 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
July 1994
6
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
CHARACTERISTICS
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating mode
VP
± 7,5
± 16,0
± 21,0
V
input mute mode
VP
± 2,0
−± 5,8
V
Repetitive peak
output current
IORM
2,2
−−
A
Operating mode: symmetrical power supply; test circuit as per Fig.12;
VP = ± 16 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz
Total quiescent current
without RL
Itot
18
40
70
mA
Output power
THD = 0,5%
PO
10
12
W
THD = 10%
PO
12
15
W
Total harmonic
distortion
PO = 6 W
THD
0,15
0,2
%
Power bandwidth
THD = 0,5%
note 1
B
20 to
20k
Hz
Voltage gain
GV
29
30
31
dB
Gain balance
∆G
V
0,2
1,0
dB
Noise output voltage
(r.m.s, value);
unweighted (20 Hz to 20 kHz)
RS = 2 kΩ
Vno(rms)
70
140
µV
Input impedance
|Z
i
14
20
26
k
Ripple rejection
note 2
SVRR
40
60
dB
Channel separation
RS = 0 Ωα
46
70
dB
Input bias current
Iib
0,3
−µA
DC output offset
with respect
voltage
to ground
VOFF
30
200
mV
Input mute mode: symmetrical power supply; test circuit as per Fig.12;
VP = ± 4V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz
Total quiescent current
without RL
Itot
9
3040mA
Output voltage
Vi = 600 mV
Vout
0,6
1,8
mV
Noise output voltage
(r.m.s. value);
unweighted (20 Hz to 20 kHz)
RS = 2 kΩ
Vno(rms)
70
140
µV
Ripple rejection
note 2
SVRR
35
55
dB
DC output offset
with respect
voltage
to ground
VOFF
40
200
mV


Số phần tương tự - TDA1521

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
More results

Mô tả tương tự - TDA1521

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 PHILIPS-TDA2616 Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com