công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1518 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1518
Giải thích chi tiết về linh kiện  24 W BTL or 2 x 12 watt stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1518 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1518 Datasheet HTML 1Page - NXP Semiconductors TDA1518 Datasheet HTML 2Page - NXP Semiconductors TDA1518 Datasheet HTML 3Page - NXP Semiconductors TDA1518 Datasheet HTML 4Page - NXP Semiconductors TDA1518 Datasheet HTML 5Page - NXP Semiconductors TDA1518 Datasheet HTML 6Page - NXP Semiconductors TDA1518 Datasheet HTML 7Page - NXP Semiconductors TDA1518 Datasheet HTML 8Page - NXP Semiconductors TDA1518 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
July 1994
2
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo
car radio power amplifier
TDA1518BQ
GENERAL DESCRIPTION
The TDA1518BQ is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) plastic power package.
The device is primarily developed for car radio applications.
FEATURES
• Requires very few external components
• Flexibility in use  stereo as well as mono BTL
• High output power (without bootstrap)
• Low offset voltage at output (important for BTL)
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• A.C. and d.c. short-circuit-safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Identical inputs (inverting and non-inverting)
• Compatible with TDA1516BQ (except gain).
QUICK REFERENCE DATA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6,0
14,4
18,0
V
non-operating
VP
−−
30,0
V
load dump
VP
−−
45,0
V
Repetitive peak output
current
IORM
−−
4A
Total quiescent current
Itot
30
mA
Stand-by current
lsb
0,1
100
µA
Switch-on current
Isw
−−
40
µA
Input impedance
BTL
|ZI|25
−−
k
stereo
|ZI|50
−−
k
Stereo application
Output power
THD = 10%; 4
Po
6
W
THD = 10%; 2
Po
11
W
Channel separation
α
40
−−
dB
Noise output voltage
Vno(rms)
150
−µV
BTL application
Output power
THD = 10%, 4
Po
22
W
Supply voltage
RS = 0 Ω;
ripple rejection
f = 100 Hz to 10 kHz
RR
48
−−
dB
D.C. output offset voltage
|
∆V
O|
−−
250
mV


Số phần tương tự - TDA1518

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1510 PHILIPS-TDA1510 Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
More results

Mô tả tương tự - TDA1518

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com