công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1517P bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện TDA1517P
Giải thích chi tiết về linh kiện  2 x 6 W stereo power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517P bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button TDA1517P Datasheet HTML 4Page - NXP Semiconductors TDA1517P Datasheet HTML 5Page - NXP Semiconductors TDA1517P Datasheet HTML 6Page - NXP Semiconductors TDA1517P Datasheet HTML 7Page - NXP Semiconductors TDA1517P Datasheet HTML 8Page - NXP Semiconductors TDA1517P Datasheet HTML 9Page - NXP Semiconductors TDA1517P Datasheet HTML 10Page - NXP Semiconductors TDA1517P Datasheet HTML 11Page - NXP Semiconductors TDA1517P Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1998 Apr 28
11
Philips Semiconductors
Product specification
2
× 6 W stereo power amplifier
TDA1517; TDA1517P
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“Data Handbook IC26; Integrated Circuit Packages”
(order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Số phần tương tự - TDA1517P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bookly Micro electronic
TDA1517P BOOKLY-TDA1517P Datasheet
233Kb / 9P
   2x6 W Hi-fi stereo power amplifier
More results

Mô tả tương tự - TDA1517P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
PA1517 UTC-PA1517_15 Datasheet
284Kb / 9P
   2 x 6 W STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
Unisonic Technologies
PA1517 UTC-PA1517 Datasheet
209Kb / 7P
   2 횞 6 W STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA1519 KODENSHI-KKA1519 Datasheet
298Kb / 9P
   2 x 6 WATT STEREO POWER AMPLIFIER
KKA1519B KODENSHI-KKA1519B Datasheet
200Kb / 6P
   2 x 6 Watt Stereo Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com