công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1388TZ bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện TDA1388TZ
Giải thích chi tiết về linh kiện  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388TZ bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  TDA1388TZ Datasheet HTML 1Page - NXP Semiconductors TDA1388TZ Datasheet HTML 2Page - NXP Semiconductors TDA1388TZ Datasheet HTML 3Page - NXP Semiconductors TDA1388TZ Datasheet HTML 4Page - NXP Semiconductors TDA1388TZ Datasheet HTML 5Page - NXP Semiconductors TDA1388TZ Datasheet HTML 6Page - NXP Semiconductors TDA1388TZ Datasheet HTML 7Page - NXP Semiconductors TDA1388TZ Datasheet HTML 8Page - NXP Semiconductors TDA1388TZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1995 Dec 08
3
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388T
ORDERING INFORMATION
QUICK REFERENCE DATA
Notes
1. All VDD and VSS pins must be connected to the same supply or ground respectively.
2. Measured at input code 00000H and VDD =5V.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1388T
SO28
plastic small outline package; 28 leads; body width 7.5 mm.
SOT136-1
TDA1388TZ
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm.
SOT341-1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
note 1
4.5
5.0
5.5
V
IDD
supply current
note 2
22
mA
VFS(rms)
full-scale output voltage
(RMS value)
VDD = 5 V
0.9
1.0
1.1
V
(THD+N)/S
total harmonic distortion plus
noise as a function of signal for
the line output
0 dB signal
−−85
−80
dB
RL =5kΩ−
0.006
0.013
%
−60 dB signal
−−35
−30
dBA
RL =5kΩ−
1.8
3.2
%
total harmonic distortion plus
noise as a function of signal for
the headphone output
0 dB signal
−−65
−60
dB
RL =16 Ω−
0.056
0.1
%
0 dB signal
−−70
dB
RL =32 Ω−
0.032
%
−60 dB signal
−−35
−30
dBA
RL =16 Ω or RL =32 Ω−
1.8
3.2
%
S/N
signal-to-noise ratio
A-weighted;
at code 00000H
90
95
dBA
BR
input bit rate at data input
fsys = 256fs
64fs
bits
fsys = 384fs
48fs
bits
fsys
system clock frequency
8.192
18.432
MHz
Tamb
operating ambient temperature
−20
+70
°C


Số phần tương tự - TDA1388TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Mô tả tương tự - TDA1388TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com