công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1388TZ bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1388TZ
Giải thích chi tiết về linh kiện  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388TZ bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1388TZ Datasheet HTML 1Page - NXP Semiconductors TDA1388TZ Datasheet HTML 2Page - NXP Semiconductors TDA1388TZ Datasheet HTML 3Page - NXP Semiconductors TDA1388TZ Datasheet HTML 4Page - NXP Semiconductors TDA1388TZ Datasheet HTML 5Page - NXP Semiconductors TDA1388TZ Datasheet HTML 6Page - NXP Semiconductors TDA1388TZ Datasheet HTML 7Page - NXP Semiconductors TDA1388TZ Datasheet HTML 8Page - NXP Semiconductors TDA1388TZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1995 Dec 08
5
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388T
PINNING
SYMBOL
PIN
DESCRIPTION
VSSO
1
operational amplifier ground
HPOUTL
2
left headphone output voltage
HPINL
3
left headphone input voltage
VOL
4
left channel audio voltage output
FILTCL
5
capacitor for left channel 1st-order
filter function, should be connected
between this pin and VOL (pin 4)
Vref
6
internal reference voltage
IF1
7
input format selection 1
IF2
8
input format selection 2
BCK
9
bit clock input
WS
10
word selection input
DATA
11
data input
VDDD
12
digital supply voltage
VSSD
13
digital ground
SYSCLK
14
system clock 256fs or 384fs
SYSSEL
15
system clock selection
APPL0
16
application mode 0 input
APPL1
17
application mode 1 input
APPL2
18
application mode 2 input
ACP
19
application control input
TC
20
test control
n.c.
21
not connected
VDDA
22
analog supply voltage
VSSA
23
analog ground
FILTCR
24
capacitor for right channel 1st-order
filter function, should be connected
between this pin and VOR (pin 25)
VOR
25
right channel audio voltage output
HPINR
26
right headphone input voltage
HPOUTR
27
right headphone output voltage
VDDO
28
operational amplifier supply voltage
Fig.2 Pin configuration.
handbook, halfpage
TDA1388
MGD014
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VSSO1
VSSO2
Vref
HPOUTL
HPINL
VOL
FILTCL
IF1
IF2
BCK
WS
DATA
VDDD
VSSD
SYSCLK
VDDO
HPOUTR
HPINR
VOR
FILTCR
VSSA
VDDA
TC
ACP
APPL2
APPL1
APPL0
SYSSEL
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Số phần tương tự - TDA1388TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Mô tả tương tự - TDA1388TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com