công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1386T bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện TDA1386T
Giải thích chi tiết về linh kiện  Noise shaping filter DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386T bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button TDA1386T Datasheet HTML 5Page - NXP Semiconductors TDA1386T Datasheet HTML 6Page - NXP Semiconductors TDA1386T Datasheet HTML 7Page - NXP Semiconductors TDA1386T Datasheet HTML 8Page - NXP Semiconductors TDA1386T Datasheet HTML 9Page - NXP Semiconductors TDA1386T Datasheet HTML 10Page - NXP Semiconductors TDA1386T Datasheet HTML 11Page - NXP Semiconductors TDA1386T Datasheet HTML 12Page - NXP Semiconductors TDA1386T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1998 Jan 06
9
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
Volume control
A digital level control is incorporated on the TDA1386T
which performs the function of soft mute and attenuation
(pseudo-static application mode) or soft mute, attenuation,
fade, increment and decrement (microcontroller
application mode). The volume control of both channels
can be varied in small step changes, determined by the
value of the internal fade counter according to:
Audio level = counter
× maximum level/120.
Where the counter is a 7-bit binary number between
0 and 120. The time taken for mute to vary from 120 to 0
is 120/fs. For example, when fs = 44.1 kHz, the time taken
is approximately 3 ms.
VOLUME CONTROL IN PSEUDO-STATIC APPLICATION MODE
In the pseudo-static application mode (APPL = logic 0) the
digital audio output level is controlled by APP0
(attenuation) and APP2 (mute) so only the final volume
levels full scale, 12 dB (attenuate) and mute (
−infin dB)
can be selected. The mute function has priority over the
attenuation function. Accordingly, if MUSB is LOW, the
state of ATSB has no effect. An example of volume control
in this application mode is illustrated in Fig.5.
Fig.5 Volume control; pseudo-static application mode.


Số phần tương tự - TDA1386T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1387 PHILIPS-TDA1387 Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388M PHILIPS-TDA1388M Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Mô tả tương tự - TDA1386T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
logo
EPCOS
B2581 EPCOS-B2581 Datasheet
88Kb / 6P
   Spectrum Shaping Filter
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
logo
List of Unclassifed Man...
CR-200 ETC-CR-200 Datasheet
133Kb / 2P
   Gaussian shaping amplifier
logo
NXP Semiconductors
TDA1314T PHILIPS-TDA1314T Datasheet
139Kb / 15P
   Quadruple filter DAC
August 1994
logo
Burr-Brown (TI)
PCM1760P BURR-BROWN-PCM1760P Datasheet
201Kb / 15P
   Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
List of Unclassifed Man...
TSP3 ETC2-TSP3 Datasheet
107Kb / 2P
   ATM Forum TM4.1 traffic shaping
logo
Okaya Electric America,...
3SUP-HE5-ER-6 OKAYA-3SUP-HE5-ER-6 Datasheet
444Kb / 1P
   NOISE FILTER
SUP-E1H-EP OKAYA-SUP-E1H-EP Datasheet
452Kb / 1P
   NOISE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com