công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1310A bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1310A
Giải thích chi tiết về linh kiện  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310A bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1310A Datasheet HTML 1Page - NXP Semiconductors TDA1310A Datasheet HTML 2Page - NXP Semiconductors TDA1310A Datasheet HTML 3Page - NXP Semiconductors TDA1310A Datasheet HTML 4Page - NXP Semiconductors TDA1310A Datasheet HTML 5Page - NXP Semiconductors TDA1310A Datasheet HTML 6Page - NXP Semiconductors TDA1310A Datasheet HTML 7Page - NXP Semiconductors TDA1310A Datasheet HTML 8Page - NXP Semiconductors TDA1310A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
May 1994
5
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
PINNING
SYMBOL
PIN
DESCRIPTION
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
supply voltage
IOL
6
left channel output
Iref
7
reference input
IOR
8
right channel output
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The basic operation of the continuous calibration DAC is
illustrated in Fig.3. The figure shows the calibration and
operation cycle. During calibration of the MOS current
source (Fig.3a) transistor M1 is connected as a diode by
applying a reference current. The voltage Vgs on the
intrinsic gate-source capacitance Cgs of M1 is then
determined by the transistor characteristics. After
calibration of the drain current to the reference value Iref,
the switch S1 is opened and S2 is switched to the other
position (Fig.3b). The gate-to-source voltage Vgs of M1 is
not changed because the charge on Cgs is preserved.
Therefore, the drain current of M1 will still be equal to Iref
and this exact duplicate of Iref is now available at the OUT
terminal.
The 32 current sources and the spare current source of the
TDA1310A are continuously calibrated (see Fig.1). The
spare current source is included to allow continuous
converter operation. The output of one calibrated source is
connected to an 11-bit binary current divider consisting of
2048 transistors. A symmetrical offset decoding principle
is incorporated and arranges the bit switching in such a
way that the zero-crossing is performed only by switching
the LSB currents.
The TDA1310A (CC-DAC) accepts serial input data
formats of 16-bit word length. Left and right data words are
time multiplexed. The most significant bit (bit 1) must
always be first. The input data format is shown in
Figs 4 and 5.
With a HIGH level on the word select input (WS), data is
placed in the left input register, with a LOW level on the
WS input, data is placed in the right input register
(see Fig.1). The data in the input registers are
simultaneously latched in the output registers which
control the bit switches.
An internal bias current Ibias is added to the full scale
output current IFS in order to achieve the maximum
dynamic range at the outputs OP1 and OP2 in Fig.1.
The reference input current Iref controls with gain GFS, the
current IFS which is a sink current and with gain Gbias the
Ibias which is a source current(1).
The current Iref is proportional to VDD so the IFS and the Ibias
will be proportional to VDD as well(2) because GFS and Gbias
are constant.
The reference voltage Vref in Fig.1 is 23VDD. In this way
maximum dynamic range is achieved over the entire
power supply voltage range.
The tolerance of the reference input current in Fig.1
depends on the tolerance of the resistors R3, R4
and Rref(3).
(1) IFS =GFS xIref and Ibias =Gbias xIref
(2)
(3)
V
DD1
V
DD2
-------------
I
FS1
I
FS2
----------
I
bias1
I
bias2
--------------
==
∆I
ref
I
ref
V
DD
R3
∆R3 R4 ∆R4 R
ref
∆R
ref
++
++
+
-------------------------------------------------------------------------------------------------
=


Số phần tương tự - TDA1310A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312AT PHILIPS-TDA1312AT Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Mô tả tương tự - TDA1310A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com