công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1309H bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA1309H
Giải thích chi tiết về linh kiện  Low-voltage low-power stereo bitstream ADC/DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1309H bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA1309H Datasheet HTML 1Page - NXP Semiconductors TDA1309H Datasheet HTML 2Page - NXP Semiconductors TDA1309H Datasheet HTML 3Page - NXP Semiconductors TDA1309H Datasheet HTML 4Page - NXP Semiconductors TDA1309H Datasheet HTML 5Page - NXP Semiconductors TDA1309H Datasheet HTML 6Page - NXP Semiconductors TDA1309H Datasheet HTML 7Page - NXP Semiconductors TDA1309H Datasheet HTML 8Page - NXP Semiconductors TDA1309H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1996 Oct 21
2
Philips Semiconductors
Product specification
Low-voltage low-power stereo bitstream
ADC/DAC
TDA1309H
FEATURES
• Low power
• Low supply voltage (2.7 V)
• Integrated high-pass filter to cancel DC offset (ADC)
• Analog loop-through function
• Multiple digital input/output formats possible
• 256fs system clock frequency
• Several power-down modes
• Digital de-emphasis (DAC)
• Overload detector to enable automatic recording level
adjustment (ADC)
• Input pads suitable for 5.5 V; low supply voltage
interfacing
• High dynamic range
• DAC requires only one capacitor for post-filtering
• Small 44-pin quad flat pack with 0.8 mm pitch
• 256fs system clock frequency in Analog-to-Digital (AD)
and Digital-to-Analog (DA) mode
• Choice of three system clock frequencies
(192fs, 256fs or 384fs) in DA mode.
APPLICATION
• Portable digital audio equipment.
GENERAL DESCRIPTION
The TDA1309H is a single chip stereo analog-to-digital
and digital-to-analog converter employing bitstream
conversion techniques. The low voltage requirement
makes the device eminently suitable for use in low-voltage
low-power portable digital audio equipment which
incorporates recording and playback functions.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1309H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2


Số phần tương tự - TDA1309H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

Mô tả tương tự - TDA1309H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
   Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
   Stereo Low Power 96kHz ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
   Low Power Stereo Audio ADC
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com