công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1300T bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA1300T
Giải thích chi tiết về linh kiện  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300T bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA1300T Datasheet HTML 2Page - NXP Semiconductors TDA1300T Datasheet HTML 3Page - NXP Semiconductors TDA1300T Datasheet HTML 4Page - NXP Semiconductors TDA1300T Datasheet HTML 5Page - NXP Semiconductors TDA1300T Datasheet HTML 6Page - NXP Semiconductors TDA1300T Datasheet HTML 7Page - NXP Semiconductors TDA1300T Datasheet HTML 8Page - NXP Semiconductors TDA1300T Datasheet HTML 9Page - NXP Semiconductors TDA1300T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Jul 15
6
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
Table 1
Gain and monitor modes
Note
1. Logic 1 or not connected.
Table 2
Speed and laser modes; note 1
Notes
1. 1 = HIGH voltage (VDD); 0 = LOW voltage (GND); X = don’t care.
2. If not connected.
3. X = don’t care.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Classification A: human body model; C = 100 pF; R = 1500
Ω; Ves = ±2000 V.
Charge device model: C = 200 pF; L = 2.5
µH; R = 0 Ω; Ves = 250 V.
2. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
PIN
MONITOR MODE
RRF (kΩ)
INTENDED APPLICATION AREA
HG
ADJ
0RADJp connected
to ground
P-sub
140
3.3 V
0
1
N-sub
70
1(1)
RADJp connected
to ground
P-sub
240
5V
1(1)
1
N-sub
120
PIN
DEFAULT
VALUE(2)
MODE
SPEED
LASER
SINGLE
DOUBLE
on
off
LS
1
1
0
X(3)
X(3)
LDON
1
X(3)
X(3)
10
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
8V
Pmax
maximum power dissipation
300
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
TDA1300T
−40
+85
°C
TDA1300TT
−40
+70
°C
Ves(1)
electrostatic handling pin 16
note 2
−2+2
kV
electrostatic handling (all other pins)
−3+3
kV


Số phần tương tự - TDA1300T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Mô tả tương tự - TDA1300T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com