công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1023 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1023
Giải thích chi tiết về linh kiện  Proportional-control triac triggering circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1023 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1023 Datasheet HTML 1Page - NXP Semiconductors TDA1023 Datasheet HTML 2Page - NXP Semiconductors TDA1023 Datasheet HTML 3Page - NXP Semiconductors TDA1023 Datasheet HTML 4Page - NXP Semiconductors TDA1023 Datasheet HTML 5Page - NXP Semiconductors TDA1023 Datasheet HTML 6Page - NXP Semiconductors TDA1023 Datasheet HTML 7Page - NXP Semiconductors TDA1023 Datasheet HTML 8Page - NXP Semiconductors TDA1023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
May 1991
5
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
Trigger pulse width control input PW (pin 10)
The width of the trigger pulse may be adjusted to the value
required for the triac by choosing the value of the external
synchronization resistor RS between the trigger pulse
width control input PW (pin 10) and the AC mains.
The pulse width is inversely proportional to the input
current (see Fig.13).
Output Q (pin 3)
Since the circuit has an open-emitter output it is capable of
sourcing current. It is thus suited for generating
positive-going trigger pulses. The output is current-limited
and short-circuit protected. The maximum output current is
150 mA and the output pulses are stabilized at 10 V for
output currents up to that value.
To minimize the total supply current and power dissipation,
a gate resistor RG must be connected between the output
Q and the triac gate to limit the output current to the
minimum required by the triac (see Figs 5 to 8).
Pull-down resistor Rpd (pin 1)
The TDA1023 includes a 1.75 k
Ω pull-down resistor R
pd
between pins 1 and 13 (VEE, ground connection) intended
for use with sensitive triacs.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
DC supply voltage
16
V
Supply current
I16(AV)
average
30
mA
I16(RM)
repetitive peak
100
mA
I16(SM)
non-repetitive peak (tp
< 50 µs)
2A
VI
input voltage, all inputs
16
V
I6, 7, 9, 10
input current
10
mA
V1
voltage on Rpd connection
16
V
V3, 8, 11
output voltage, Q, QR, VZ
16
V
Output current
-IOH(AV)
average
30
mA
-IOH(M)
peak max. 300
µs
700
mA
Ptot
total power dissipation
500
mW
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
−20
+75
°C


Số phần tương tự - TDA1023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
   BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
   SIGNAL-SOURCES SWITCH
JANUARY 1980
logo
NXP Semiconductors
TDA1029 PHILIPS-TDA1029 Datasheet
235Kb / 16P
   Signal-sources switch
January 1980
More results

Mô tả tương tự - TDA1023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com