công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1001BT bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện TDA1001BT
Giải thích chi tiết về linh kiện  Interference and noise suppression circuit for FM receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1001BT bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button TDA1001BT Datasheet HTML 4Page - NXP Semiconductors TDA1001BT Datasheet HTML 5Page - NXP Semiconductors TDA1001BT Datasheet HTML 6Page - NXP Semiconductors TDA1001BT Datasheet HTML 7Page - NXP Semiconductors TDA1001BT Datasheet HTML 8Page - NXP Semiconductors TDA1001BT Datasheet HTML 9Page - NXP Semiconductors TDA1001BT Datasheet HTML 10Page - NXP Semiconductors TDA1001BT Datasheet HTML 11Page - NXP Semiconductors TDA1001BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
December 1982
8
Philips Semiconductors
Product specification
Interference and noise suppression circuit
for FM receivers
TDA1001B
TDA1001BT
Notes to application information
1. The interference suppression and noise feedback control thresholds can be determined by R13 or a capacitive
voltage divider at the input of the high-pass filter and they are defined by the following formulae:
Vi(tr) = (1 + R13/RS) × Vi(tr)O in which RS = 2 kΩ;
Vni = (1 + R13/RS) × VniO in which RS = 2 kΩ.
2. The suppression pulse duration is determined by C11 = 2,2 nF and R11 = 6,8 k
Ω.
3. The characteristic of the noise feedback control is determined by R12 (and R10).
4. The feedback control of the interference suppression threshold at higher repetition frequencies is determined by R10
(and R12).
5. The 19 kHz generator can be adjusted with R7-16 (and R7-8). Adjustment is not required if components with small
tolerances are used e.g.
∆R < 1% and ∆C < 2%.
6. Measuring conditions:
The peak output noise voltage (Vno m, CCITT filter) shall be measured at the output with a de-emphazing time T = 50
µs (R = 5 kΩ, C = 10 nF); the reference value of 0 dB is Vo int with the 19 kHz generator short-circuited (pin 7
grounded).
Noise threshold feedback control (notes 1 and 3)
Noise input voltage (r.m.s. value) f = 120 kHz
sinewave for V12-9 = 300 mV
at R13 = 0
Vni(rms)
2,3
3,3
4,3
mV
at R13 = 2,7 k
Vni(rms)
8,2
mV
for V12-9 = 425 mV (Vi(tr)O + 3 dB)
at R13 = 0
Vni(rms)
7,3
mV
at R13 = 2,7 k
Vni(rms)
16,5
mV
for V12-9 = 560 mV (Vi(tr)O + 20 dB)
at R13 = 0
Vni(rms)
33
45
57
mV
at R13 = 2,7 k
Vni(rms)
107
mV
Amplification control voltage by interference intensity
(note 4)
Vi(rms) = 50 mV; f = 19 kHz;
Vi(tr)M = 300 mV; r.m.s. value
at repetition frequency fr = 1 kHz
Vo6(rms)
49
56
mV
at repetition frequency fr = 16 kHz
Vo6(rms)
45
65
mV
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Số phần tương tự - TDA1001BT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA10021 PHILIPS-TDA10021 Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10025HN NXP-TDA10025HN Datasheet
113Kb / 8P
   Dual cable demodulator
Rev. 1-22 August 2011
TDA1003A PHILIPS-TDA1003A Datasheet
265Kb / 7P
   MOTOR REGULATOR AND BIAS/ERASE OSCILLATOR CIRCUIT
February 1980
TDA10045 PHILIPS-TDA10045 Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
More results

Mô tả tương tự - TDA1001BT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
AN6130N PANASONIC-AN6130N Datasheet
262Kb / 5P
   FM Noise Canceller Circuit
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
List of Unclassifed Man...
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com