công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1001B bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1001B
Giải thích chi tiết về linh kiện  Interference and noise suppression circuit for FM receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1001B bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1001B Datasheet HTML 1Page - NXP Semiconductors TDA1001B Datasheet HTML 2Page - NXP Semiconductors TDA1001B Datasheet HTML 3Page - NXP Semiconductors TDA1001B Datasheet HTML 4Page - NXP Semiconductors TDA1001B Datasheet HTML 5Page - NXP Semiconductors TDA1001B Datasheet HTML 6Page - NXP Semiconductors TDA1001B Datasheet HTML 7Page - NXP Semiconductors TDA1001B Datasheet HTML 8Page - NXP Semiconductors TDA1001B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
December 1982
5
Philips Semiconductors
Product specification
Interference and noise suppression circuit
for FM receivers
TDA1001B
TDA1001BT
CHARACTERISTICS
VP = 12 V; Tamb = 25 °C; measured in Fig.4; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input stage
Input impedance (pin 1)
f = 40 kHz
Zi1−
45
k
Input resistance (pin 1)
with pin 2 not connected
Ri1
600
k
Input bias current (pin 1)
V1-16 = 4,8 V
Ii1
615
µA
Output resistance (pin 2)
unloaded
Ro2
low-ohmic
Internal emitter resistance
R2-16
5,6
k
Low-pass amplifier
Input resistance (pin 3)
Ri3
10
−−
M
Input bias current (pin 3)
Ii3
−−
7
µA
Output resistance (pin 4)
Ro4
−−
5
Voltage gain (V4/V3)Gv4/3
1,1
Suppression pulse stage
Input offset current at pin 5
during the suppression time tS
Iio5
50
200
nA
Output stage
Output resistance (pin 6)
Ro6
low-ohmic
Internal emitter resistance
R6-16
6
k
Current gain (I5/I6)Gi5/6
85
dB
Pilot tone generation (19 kHz)
Input impedance (pin 8)
Zi8−
1
Output impedance (pin 7)
pin 8 open
Zo7
150
−−
k
Output bias current (pin 7)
Io7
0,7
1
1,3
mA
Current gain (I7/I8)Gi7/8
3
High-pass amplifier
Input resistance (pin 15)
Ri15
10
−−
M
Input bias current (pin 15)
Ii15
−−
7
µA
Output resistance (pin 14)
Ro14
−−
5
Voltage gain (V14/15)Gv14/15
1,4


Số phần tương tự - TDA1001B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA10021 PHILIPS-TDA10021 Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
   DVB-C channel receiver
2001 Oct 01
TDA10025HN NXP-TDA10025HN Datasheet
113Kb / 8P
   Dual cable demodulator
Rev. 1-22 August 2011
TDA1003A PHILIPS-TDA1003A Datasheet
265Kb / 7P
   MOTOR REGULATOR AND BIAS/ERASE OSCILLATOR CIRCUIT
February 1980
TDA10045 PHILIPS-TDA10045 Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
More results

Mô tả tương tự - TDA1001B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
AN6130N PANASONIC-AN6130N Datasheet
262Kb / 5P
   FM Noise Canceller Circuit
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
List of Unclassifed Man...
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com