công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL1593CNS bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
TL1593CNS bảng dữ liệu(HTML) 10 Page - Texas Instruments |
10 / 19 page TC244A 786- × 488-PIXEL CCD IMAGE SENSOR SOCS056 – JUNE 1996 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC: ADB, CDB, IDB (see Note 1) 0 V to 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI: ABG, IAG, SAG, SRG, TRG –15 V to 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA –10 °C to 45°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, TSTG –30 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values are with respect to the substrate terminal. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC ADB 11 12 13 V Substrate bias voltage 0 V ‡ High level 1.5 2 2.5 ‡ IAG Intermediate level§ – 5.7 ‡ Low level –11 –9 ‡ SRG1 SRG2 SRG3 High level 1.5 2 2.5 ‡ SRG1, SRG2, SRG3 Low level –11 –9 Input voltage V ‡ High level 2 4 6 V Input voltage, VI‡ ABG Intermediate level§ – 2.3 V Low level –7.5 –7 – 6.5 SAG High level 1.5 2 2.5 SAG Low level –11 –9 TRG High level 1.5 2 2.5 TRG Low level –11 –9 IAG, SAG 3.58 Clock frequency, fclock SRG1, SRG2, SRG3, TRG 4.77 MHz ABG 2 Load capacitance OUT1 (R), OUT2 (G), OUT3 (B) 6 pF Operating free-air temperature, TA –10 45 °C ‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage levels. § Adjustment is required for optimal performance. |
Số phần tương tự - TL1593CNS |
|
Mô tả tương tự - TL1593CNS |