công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR912FAZ42H6 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STR912FAZ42H6
Giải thích chi tiết về linh kiện  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FAZ42H6 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STR912FAZ42H6 Datasheet HTML 5Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 6Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 7Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 8Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 9Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 10Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 11Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 12Page - STMicroelectronics STR912FAZ42H6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
STR91xFA
Functional overview
9/78
Figure 1.
STR91xFA block diagram
STR91x
External Memory
Interface (EMI)***,
Muxed Address/Data
USB* Full Speed, 10
Endpoints with FIFOs
Programmable DMA
Controller (8 ch.)
AHB
to
APB
PLL, Power Management,
and Supervisory Reset
4 MHz to 25
MHz XTAL
USB Bus
JTAG
1.8V
3.0 or 3.3V
GND
CORE SUPPLY, VDD
I/O SUPPLY, VDDQ
(4) 16-bit Timers,
CAPCOM, PWM
8 Channel 10-bit
ADC
CAN 2.0B
(2) SPI
(2) I2C
Motor Control,
3-ph Induction
(80) GPIO****
(3) UART w/ IrDA
Request
from
UART,
I2C,
SPI,
Timers,
Ext Req
* USB not available on STR910
Programmable Vectored
Interrupt Controller
Ethernet**
MAC, 10/100
Dedicated
DMA
To Ethernet
PHY (MII) **
EMI Ctrl
AMBA / AHBA Interface
Control Logic / BIU and Write Buffer
Data TCM
Interface
ARM966E-S
RISC CPU Core
Instruction
TCM
Interface
JTAG
Debug
and
ETM
64K or 96K
Byte
SRAM
Arbiter
Burst Interface
Pre-Fetch Que
and Branch
Cache
Stacked Burst Flash Memory Die
Main Flash 256K,
or 512K Bytes
Burst Interface
2nd Flash
32K Bytes
JTAG ISP
CORE GND, VSS
Real Time Clock
32.768 kHz
XTAL
Wake Up
Watchdog Tmr
ETM
Programmable Vectored
Interrupt Controllers
16
32
48
GND
I/O GND, VSSQ
AVDD
AVREF*
AVSS
BACKUP
SUPPLY
VBATT
RTC
*** EMI not available on LQFP80
** Ethernet MAC not available on STR910 and STR911
**** Only 40 GPIOs on LQFP80
STR91xA
ADC


Số phần tương tự - STR912FAZ42H6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR912FAZ42H6 STMICROELECTRONICS-STR912FAZ42H6 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAZ42H6T STMICROELECTRONICS-STR912FAZ42H6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Mô tả tương tự - STR912FAZ42H6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STR91XF STMICROELECTRONICS-STR91XF Datasheet
1Mb / 72P
   ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com