công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA3KA164JE bảng dữ liệu(PDF) 1 Page - Solid States Devices, Inc

tên linh kiện STA3KA164JE
Giải thích chi tiết về linh kiện  3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSDI [Solid States Devices, Inc]
Trang chủ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA3KA164JE bảng dữ liệu(HTML) 1 Page - Solid States Devices, Inc

  STA3KA164JE Datasheet HTML 1Page - Solid States Devices, Inc STA3KA164JE Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
TO-257JE
Maximum Ratings
o
C
-65 to
+175
Top, Tstg
3,000
W
10
W
PD
PPP
SYMBOL
UNITS
VALUE
Peak Pulse Power @ 1.0 msec
Operating and Storage
Temperature
Steady State Power Dissipation
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TVS001B
STA3KA13.6JE
thru
STA3KA800JE
3,000 WATTS
PEAK PULSE POWER
13.6 - 800 VOLTS
UNIDIRECTIONAL
TRANSIENT VOLTAGE
SUPPRESSOR
• 13.6 - 800 Volts Unidirectional in TO-257 Package
• Glass Passivated Junction, Epoxy Encapsulated Assembly
• Meets all Environmental Requirements of Mil-RPF-19500
• Custom Configuration Available
• Reverse Polarity Available (Add Suffix "R")
• 150oC Maximum Operating Temperature
• TX and TXV Level Screening Available
Stand off Voltage
13.6-800 Volts
VRWM
PACKAGE OUTLINE: TO-257JE
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
APPLICATIONS:
• Voltage Sensitive Components Protection
• Protection against Power Interruption
• Lightning Protection
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave)
A
200
IFSM
Note:
SSDI's Transient Voltage Suppressors offer standard Breakdown
Voltage Tolerances of "10%(A) and "5%(B). For other Voltages
and Voltage Tolerances, contact SSDI's Marketing Department.


Số phần tương tự - STA3KA164JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
STA3KA16.4JE SSDI-STA3KA16.4JE Datasheet
74Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - STA3KA164JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
STA15K7.5P SSDI-STA15K7.5P Datasheet
79Kb / 2P
   15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA15K7.9 SSDI-STA15K7.9 Datasheet
49Kb / 2P
   15,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA9K7.5P SSDI-STA9K7.5P Datasheet
285Kb / 2P
   9000 WATTS PEAK PULSE POWE 7.5-100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Solid States Devices, I...
SDA384 SSDI-SDA384 Datasheet
147Kb / 2P
   2600 WATTS PEAK PULSE POWER 12,7 VOLTS BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Solid States Devices, I...
STA60K79S SSDI-STA60K79S Datasheet
78Kb / 2P
   60,000 WATTS PEAK PULSE POWER 79 - 1000 VOLTS HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com