công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQ05RF2 bảng dữ liệu(PDF) 1 Page - Sharp Corporation

tên linh kiện PQ05RF2
Giải thích chi tiết về linh kiện  2A Output, Low Power-Loss Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF2 bảng dữ liệu(HTML) 1 Page - Sharp Corporation

  PQ05RF2_01 Datasheet HTML 1Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 2Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 3Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 4Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 5Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 6Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 7Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 8Page - Sharp Corporation PQ05RF2_01 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
1
2
+
4
3
Reference
voltage
generation
circuit
Output
ON/OFF
control circuit
Overheat
protection
circuit
PQ05RF2series/PQ05RF21series
1
2
4
+
3
Reference
voltage
generation
circuit
❇ASO
protection
circuit
Overheat
protection
circuit
PQ05RF2Vseries
❇ASO : Area of Safety
Operation
❇ASO
protection
circuit
PQ05RF2/21/2V Series
s Outline Dimensions
(Unit : mm)
2A Output, Low Power-Loss Voltage Regulators
s Features
q
Low power-loss(Dropout voltage: MAX. 0.5V)
q
Compact resin full-mold package.
q
Built-in ON/OFF control terminal(PQ05RF2/PQ05RF21
series)
q
Built-in output voltage minute adjustment terminal(ripple
rejection is improved)(PQ05RF2V series)
PQ05RF2
PQ05RF21
PQ05RF2V
Output voltage
precision:
±5%
Output voltage
precision:
±2.5%
Minute adjustment
(Output voltage
adjustment range:
±10%)
s Model Line-ups
5V Output
PQ09RF2
PQ09RF21
PQ09RF2V
9V Output
PQ12RF2
PQ12RF21
PQ12RF2V
12V Output
PQ15RF2
PQ15RF21
PQ15RF2V
15V Output
Output voltage
s Applications
q
Series power supply for various electronic equipment such as
VCRs, electronic munic instruments
PQ05RF2
Internal connection diagram
Specific IC
PQ05RF2/21series
DC input(VIN)
DC output(VO)
GND
ON/OFF control
terminal(VC)
PQ05RF2Vseries
DC input(VIN)
DC output(VO)
GND
Output voltage
minute
adjustment
terminal(VADJ)
10.2MAX
ø3.2
±0.1
+0.3
–0
4–1.4
+0.2
–0.1
4–0.6
3–(2.54)
4.5
±0.2
2.8
±0.2
(1.5)
(0.5)
➀➁ ➂ ➃
➀➁
s Equivalent Circuit Diagram
•Please refer to the chapter " Handling Precautions ".
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Số phần tương tự - PQ05RF2_01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ05RF2/PQ05RF2V SHARP-PQ05RF2/PQ05RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ05RF2A SHARP-PQ05RF2A Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ05RF2B SHARP-PQ05RF2B Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results

Mô tả tương tự - PQ05RF2_01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com