công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5820-T3 bảng dữ liệu(PDF) 1 Page - Won-Top Electronics

tên linh kiện 1N5820-T3
Giải thích chi tiết về linh kiện  3.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WTE [Won-Top Electronics]
Trang chủ  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N5820-T3 bảng dữ liệu(HTML) 1 Page - Won-Top Electronics

  1N5820-T3 Datasheet HTML 1Page - Won-Top Electronics 1N5820-T3 Datasheet HTML 2Page - Won-Top Electronics 1N5820-T3 Datasheet HTML 3Page - Won-Top Electronics 1N5820-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5820 – 1N5822
1 of 4
© 2006 Won-Top Electronics
Pb
1N5820 – 1N5822
3.0A SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
Guard Ring Die Construction for
Transient Protection
!
High Current Capability
A
B
A
!
Low Power Loss, High Efficiency
!
High Surge Current Capability
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
C
                            D
Mechanical Data
!
Case: DO-201AD, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N5820
1N5821
1N5822
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current (Note 1)
@TL = 95°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80
A
Forward Voltage
@IF = 3.0A
@IF = 9.4A
VFM
0.475
0.850
0.50
0.90
0.525
0.950
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
2.0
20
mA
Typical Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance Junction to Ambient (Note 3)
RJA
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. P.C.B. mounted, 12.7mm lead length with 63.5mm2 copper pad.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Số phần tương tự - 1N5820-T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
1N5820-T3 WTE-1N5820-T3 Datasheet
36Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - 1N5820-T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zibo Seno Electronic En...
SB320 ZSELEC-SB320 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR320 WTE-SR320_06 Datasheet
60Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MS302 ZSELEC-MS302 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR320 ZSELEC-SR320 Datasheet
83Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB320 WTE-SB320_06 Datasheet
59Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
   3.0A LOW VF SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com