công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4006G bảng dữ liệu(PDF) 1 Page - Won-Top Electronics |
|
1N4006G bảng dữ liệu(HTML) 1 Page - Won-Top Electronics |
1 / 4 page 1N4001G – 1N4007G 1 of 4 © 2006 Won-Top Electronics Pb 1N4001G – 1N4007G 1.0A GLASS PASSIVATED STANDARD DIODE Features ! Glass Passivated Die Construction ! Low Forward Voltage Drop ! High Current Capability A B A ! High Reliability ! High Surge Current Capability Mechanical Data C ! Case: DO-41, Molded Plastic D ! Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band ! Weight: 0.35 grams (approx.) ! Mounting Position: Any ! Marking: Type Number ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 4 Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Symbol 1N 4001G 1N 4002G 1N 4003G 1N 4004G 1N 4005G 1N 4006G 1N 4007G Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectified Output Current (Note 1) @TA = 75°C IO 1.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30 A Forward Voltage @IF = 1.0A VFM 1.0 V Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 5.0 50 µA Typical Junction Capacitance (Note 2) Cj 8.0 pF Typical Thermal Resistance Junction to Ambient (Note 1) RJA 50 °C/W Operating Temperature Range Tj -65 to +175 °C Storage Temperature Range TSTG -65 to +175 °C Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C. WTE POWER SEMICONDUCTORS DO-41 Dim Min Max A 25.4 — B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm |
Số phần tương tự - 1N4006G |
|
Mô tả tương tự - 1N4006G |