công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C554DIJ68 bảng dữ liệu(PDF) 8 Page - Exar Corporation

tên linh kiện ST16C554DIJ68
Giải thích chi tiết về linh kiện  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554DIJ68 bảng dữ liệu(HTML) 8 Page - Exar Corporation

Back Button ST16C554DIJ68 Datasheet HTML 4Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 5Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 6Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 7Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 8Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 9Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 10Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 11Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ST16C554/554D
8
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
REV. 4.0.1
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in all channels to their default
state (see Table 13). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device. Following a power-on reset or an external reset, the 554 is software compatible with
previous generation of UARTs, 16C454 and 16C554.
2.3
Channel Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. During Intel Bus Mode (16/68# pin is connected to VCC), a
logic 0 on chip select pins, CSA#, CSB#, CSC# or CSD# allows the user to select UART channel A, B, C or D
to configure, send transmit data and/or unload receive data to/from the UART. Selecting all four UARTs can be
useful during power up initialization to write to the same internal registers, but do not attempt to read from all
four uarts simultaneously. Individual channel select functions are shown in Table 1.
During Motorola Bus Mode (16/68# pin is connected to GND), the package interface pins are configured for
connection with Motorola, and other popular microprocessor bus types. In this mode the 554 decodes two
additional addresses, A3 and A4, to select one of the four UART ports. The A3 and A4 address decode
function is used only when in the Motorola Bus Mode. See Table 2.
TABLE 1: CHANNEL A-D SELECT IN 16 MODE
CSA#
CSB#
CSC#
CSD#
FUNCTION
1
1
1
1
UART de-selected
0
1
1
1
Channel A selected
1
0
1
1
Channel B selected
1
1
0
1
Channel C selected
1
1
1
0
Channel D selected
0
0
0
0
Channels A-D selected
TABLE 2: CHANNEL A-D SELECT IN 68 MODE
CS#
A4
A3
FUNCTION
1
X
X
UART de-selected
0
0
0
Channel A selected
0
0
1
Channel B selected
0
1
0
Channel C selected
0
1
1
Channel D selected


Số phần tương tự - ST16C554DIJ68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C554DIJ68 EXAR-ST16C554DIJ68 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554DIJ68 EXAR-ST16C554DIJ68 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST16C554DIJ68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com