công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C554DIQ64 bảng dữ liệu(PDF) 11 Page - Exar Corporation

tên linh kiện ST16C554DIQ64
Giải thích chi tiết về linh kiện  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554DIQ64 bảng dữ liệu(HTML) 11 Page - Exar Corporation

Back Button ST16C554DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 9Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 10Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 11Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 12Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 13Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 14Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ST16C554/554D
11
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
2.9
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal
sampling clock. A bit time is 16X clock periods. The transmitter sends the start-bit followed by the number of
data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are
reported in the Line Status Register (LSR bit-5 and bit-6).
2.9.1
Transmit Holding Register (THR) - Write Only
The transmit holding register is an 8-bit register providing a data interface to the host processor. The host
writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits,
parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input
register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write
operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data
location.
FIGURE 5. BAUD RATE GENERATOR
TABLE 6: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=1
OUTPUT Data Rate
MCR Bit-7=0
(DEFAULT)
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM
PROGRAM
VALUE (HEX)
DLL
PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
100
400
2304
900
09
00
0
600
2400
384
180
01
80
0
1200
4800
192
C0
00
C0
0
2400
9600
96
60
00
60
0
4800
19.2k
48
30
00
30
0
9600
38.4k
24
18
00
18
0
19.2k
76.8k
12
0C
00
0C
0
38.4k
153.6k
6
06
00
06
0
57.6k
230.4k
4
04
00
04
0
115.2k
460.8k
2
02
00
02
0
230.4k
921.6k
1
01
00
01
0
XTAL1
XTAL2
Crystal
Osc /
Buffer
DLL and DLM
Registers
16 X Sampling
Rate Clock
to Transmitter
and Receiver
To Other
Channels
Programmable Baud
Rate Generator Logic


Số phần tương tự - ST16C554DIQ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST16C554DIQ64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com