công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CB-2016T470M-K bảng dữ liệu(PDF) 8 Page - Kemet Corporation |
|
CB-2016T470M-K bảng dữ liệu(HTML) 8 Page - Kemet Corporation |
8 / 32 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 8 Features: Operating Temperature: • Small size wound chip inductor with high current • -25ºC to +105ºC (including self-generated heat) • Dimension without directional influence on mountability and characteristics Applications: • Digital Still Cameras (DSC), Digital Video Cameras (DVC), PDA’s and other portable digital equipment • For DC-DC converter circuit KEMET Designator Inductance Examples: 3N9 = 0.0039μH 10N = 0.01μH R10 = 0.1μH 1R0 = 1.0μH 100 = 10μH 101 = 100μH Inductance Tolerance “-” = Standard, M = ±20% Type CB- = Standard Type CBC = High Current Type CBL = High Frequency Type CBMF = Power, Bottom surface electrode (See part number table) Case Size 2012 (0805) 2016 (0806) 2518 (1007) 3225 (1210) Packaging Code T = Tape & Reel CB- Special Code R = Low Rdc Type 2016 T 100 M R K Dim. Code EIA Case Size L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) 1608 0603 1.6 ±0.2 (0.063 ±0.008) 0.8 ±0.2 (0.031 ±0.008) 0.8 ±0.2 (0.031 ±0.008) 0.4 ±0.15 (0.015 ±0.006) 2012 0805 2.0 ±0.2 (0.079 ±0.008) 1.25 ±0.2 (0.049 ±0.008) 1.25 ±0.2 (0.049 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 2016 0806 2.0 ±0.2 (0.079 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 2518 1007 2.5 ±0.2 (0.098 ±0.008) 1.8 ±0.2 (0.071 ±0.008) 1.8 ±0.2 (0.071 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 3225 1210 3.2 ±0.2 (0.126 ±0.008) 2.5 ±0.2 (0.098 ±0.008) 2.5 ±0.2 (0.098 ±0.008) 0.6 ±0.3 (0.024 ±0.012) E T W L Wire Wound Chip Inductors - CB Series Part Numbering Table Dimension Table in millimeters (inches) |
Số phần tương tự - CB-2016T470M-K |
|
Mô tả tương tự - CB-2016T470M-K |