công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZT4401 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện PZT4401
Giải thích chi tiết về linh kiện  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT4401 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  PZT4401 Datasheet HTML 1Page - NXP Semiconductors PZT4401 Datasheet HTML 2Page - NXP Semiconductors PZT4401 Datasheet HTML 3Page - NXP Semiconductors PZT4401 Datasheet HTML 4Page - NXP Semiconductors PZT4401 Datasheet HTML 5Page - NXP Semiconductors PZT4401 Datasheet HTML 6Page - NXP Semiconductors PZT4401 Datasheet HTML 7Page - NXP Semiconductors PZT4401 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 10
3
Philips Semiconductors
Product specification
NPN switching transistor
PZT4401
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
109
K/W
Rth j-s
thermal resistance from junction to soldering point
28
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =60V
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =6V
50
nA
hFE
DC current gain
VCE = 1 V; see Fig.2
IC = 0.1 mA
20
IC = 1 mA
40
IC =10mA
80
IC = 150 mA; note 1
100
300
VCE =2V; IC = 500 mA; note 1
40
VCEsat
collector-emitter saturation
voltage
IC = 150 mA; IB = 15 mA; note 1
400
mV
IC = 500 mA; IB = 50 mA; note 1
750
mV
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
950
mV
IC = 500 mA; IB = 50 mA; note 1
1200
mV
Cc
collector capacitance
IE =ie = 0; VCB = 5 V; f = 1 MHz
8pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz
30
pF
fT
transition frequency
IC = 20 mA; VCE = 10 V; f = 100 MHz 250
MHz
Switching times (between 10% and 90% levels); see Fig.3
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA; VBB = −3.5 V;
VCC = 29.5 V
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns


Số phần tương tự - PZT4401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PZT4401 NXP-PZT4401 Datasheet
129Kb / 7P
   NPN switching transistor
1999 May 10
logo
SeCoS Halbleitertechnol...
PZT4401 SECOS-PZT4401 Datasheet
1Mb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4401 WINNERJOIN-PZT4401 Datasheet
166Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
PZT4401 JIANGSU-PZT4401 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZT4401 MCC-PZT4401 Datasheet
552Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Mô tả tương tự - PZT4401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com