công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZT4401 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện PZT4401
Giải thích chi tiết về linh kiện  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT4401 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  PZT4401 Datasheet HTML 1Page - NXP Semiconductors PZT4401 Datasheet HTML 2Page - NXP Semiconductors PZT4401 Datasheet HTML 3Page - NXP Semiconductors PZT4401 Datasheet HTML 4Page - NXP Semiconductors PZT4401 Datasheet HTML 5Page - NXP Semiconductors PZT4401 Datasheet HTML 6Page - NXP Semiconductors PZT4401 Datasheet HTML 7Page - NXP Semiconductors PZT4401 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 10
2
Philips Semiconductors
Product specification
NPN switching transistor
PZT4401
FEATURES
• High current (max. 600 mA)
• Low voltage.
APPLICATIONS
• Switching and linear amplification
in industrial and consumer
applications.
DESCRIPTION
NPN switching transistor in a SOT223
plastic package. PNP complement:
PZT4403.
PINNING
PIN
DESCRIPTION
1
base
2, 4
collector
3
emitter
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
4
12
3
MAM287
Top view
3
2, 4
1
Marking code: ZT4401
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
60
V
VCEO
collector-emitter voltage
open base
40
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
600
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Số phần tương tự - PZT4401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PZT4401 NXP-PZT4401 Datasheet
129Kb / 7P
   NPN switching transistor
1999 May 10
logo
SeCoS Halbleitertechnol...
PZT4401 SECOS-PZT4401 Datasheet
1Mb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4401 WINNERJOIN-PZT4401 Datasheet
166Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
PZT4401 JIANGSU-PZT4401 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZT4401 MCC-PZT4401 Datasheet
552Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Mô tả tương tự - PZT4401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com