công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KMPC880CZP133 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc |
|
KMPC880CZP133 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 92 page MPC885/MPC880 Hardware Specifications, Rev. 3 6 Freescale Semiconductor Features — 1- or 8-bit resolution — Allows independent transmit and receive routing, frame synchronization, and clocking — Allows dynamic changes — Can be internally connected to four serial channels (two SCCs and two SMCs) • Parallel interface port (PIP) — Centronics interface support — Supports fast connection between compatible ports on MPC885/880 and other MPC8xx devices • PCMCIA interface — Master (socket) interface, release 2.1-compliant — Supports two independent PCMCIA sockets — 8 memory or I/O windows supported • Debug interface — Eight comparators: four operate on instruction address, two operate on data address, and two operate on data — Supports conditions: = ≠ < > — Each watchpoint can generate a break point internally. • Normal high and normal low power modes to conserve power • 1.8-V core and 3.3-V I/O operation • The MPC885/880 comes in a 357-pin ball grid array (PBGA) package. |
Số phần tương tự - KMPC880CZP133 |
|
Mô tả tương tự - KMPC880CZP133 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |