công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-AQ911 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện GS-AQ911
Giải thích chi tiết về linh kiện  Space air quality transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

GS-AQ911 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  GS-AQ911 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS-AQ911 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
Space air quality transmitter
GS-AQ911
Data Sheet Ref: 90500997
Issue: 5.1
International Tel: +44 1732 861225
UK Sales Tel: 0845 345 7253
International Fax: +44 1732 861226
UK Sales Fax: 0845 345 7353
www.sontay.com
Whilst every effort has been made to ensure the accuracy of this specification, Sontay cannot accept responsibility for damage, injury, loss or
expense resulting from errors or omissions. In the interest of technical improvement, this specification may be altered without notice.
Technical Overview
Features
Specification
Product Codes
The GS-AQ911 is wall-mounting air quality transmitter de-
signed for use for the control of fresh air for ventilation pur-
poses. The GS-AQ911 measures the level of contaminant
gases in an air sample, and is sensitive to most heavy
odours, smoke, solvent gases etc., providing an output pro-
portional to the mixed gas concentration. This signal can be
used to control fresh air fans and dampers according to the
ventilation load. Where the primary contaminant load is hu-
man respiration, it is recommended that a Carbon Dioxide
transmitter is used.
Low cost air quality measurement
Detects particulates such as cigarette smoke
Sensor reference
Tin Dioxide film
Cal. accuracy
±5% of reading
Re-calibration
2 years
Housing material
Flame retardant ABS
Dimensions
85mm x 85mm x 27mm
Ambient:
Temperature
15°C to 30°C
RH
45 to 65% RH
Power supply
24Vac/dc (±10%) @ 45mA
Output
0-10Vdc
(0v = Lo contamination)
(10Vdc = Hi contamination)
Country of origin
UK
GS-AQ911
Space air quality transmitter


Số phần tương tự - GS-AQ911

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
   650 V E-mode GaN transistor
Rev 220921
More results

Mô tả tương tự - GS-AQ911

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Greystone Energy System...
AIR41 GREYSTONE-AIR41 Datasheet
220Kb / 2P
   ROOM AIR QUALITY TRANSMITTER
07/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
   DUCT AIR QUALITY TRANSMITTER
04/20
logo
Vaisala
AQT530 VAISALA-AQT530 Datasheet
183Kb / 2P
   Air Quality Transmitter AQT530
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
   Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
   Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
   Air Quality Gas Sensor
logo
Greystone Energy System...
IAQRM GREYSTONE-IAQRM Datasheet
243Kb / 2P
   INDOOR AIR QUALITY SERIES
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
   Duct Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
   Air-Quality Gas Sensor
logo
Greystone Energy System...
PS-IAQ GREYSTONE-PS-IAQ Datasheet
243Kb / 2P
   INDOOR AIR QUALITY SERIES
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com