công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5235CVM100 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5235CVM100
Giải thích chi tiết về linh kiện  Integrated Microprocessor Hardware Specification
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5235CVM100 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF5235CVM100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5235CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MCF523x Integrated Microprocessor Hardware Specification, Rev. 2
MCF523x Family Configurations
Freescale Semiconductor
2
1
MCF523x Family Configurations
2
Block Diagram
The superset device in the MCF523x family comes in a 256 mold array process ball grid array (MAPBGA)
package. Figure shows a top-level block diagram of the MCF5235, the superset device.
Table 1. MCF523x Family Configurations
Module
MCF5232
MCF5233
MCF5234
MCF5235
ColdFire V2 Core with EMAC
(Enhanced Multiply-Accumulate
Unit)
xx
xx
Enhanced Time Processor Unit
with memory (eTPU)
16-ch
6K
32-ch
6K
16-ch
6K
32-ch
6K
System Clock
up to 150 MHz
Performance (Dhrystone/2.1 MIPS)
up to 144
Instruction/Data Cache
8 Kbytes
Static RAM (SRAM)
64 Kbytes
Interrupt Controllers (INTC)
2
2
2
2
Edge Port Module (EPORT)
x
x
x
x
External Interface Module (EIM)
x
x
x
x
4-channel Direct-Memory Access
(DMA)
xx
xx
SDRAM Controller
x
x
x
x
Fast Ethernet Controller (FEC)
x
x
Cryptography - Security module for
data packets processing
———
x
Watchdog Timer (WDT)
x
x
x
x
Four Periodic Interrupt Timers (PIT)
x
x
x
x
32-bit DMA Timers
4
4
4
4
QSPI
xx
xx
UART(s)
3
333
I2Cx
x
x
x
FlexCAN 2.0B - Controller-Area
Network communication module
1
212
General Purpose I/O Module
(GPIO)
xx
xx
JTAG - IEEE 1149.1 Test Access
Port
xx
xx
Package
160 QFP
196
MAPBGA
256
MAPBGA
256
MAPBGA
256
MAPBGA


Số phần tương tự - MCF5235CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5235CVM100 FREESCALE-MCF5235CVM100 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5235CVM100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com