công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5328CVM240 bảng dữ liệu(PDF) 17 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5328CVM240
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5328CVM240 bảng dữ liệu(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MCF5328CVM240 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 15Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Electrical Characteristics
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
17
5.2
Thermal Characteristics
The average chip-junction temperature (TJ) in °C can be obtained from:
Eqn. 1
Where:
TA
= Ambient Temperature, °C
QJMA
= Package Thermal Resistance, Junction-to-Ambient, °C/W
PD
=PINT + PI/O
PINT
=IDD × IVDD, Watts - Chip Internal Power
PI/O
= Power Dissipation on Input and Output Pins — User Determined
For most applications PI/O < PINT and can be ignored. An approximate relationship between PD and TJ (if PI/O is neglected) is:
Eqn. 2
Solving equations 1 and 2 for K gives:
Eqn. 3
Table 5. Thermal Characteristics
Characteristic
Symbol
256MBGA
196MBGA
Unit
Junction to ambient, natural convection
Four layer board
(2s2p)
θ
JMA
371,2
1
θ
JMA and Ψjt parameters are simulated in conformance with EIA/JESD Standard 51-2 for natural convection.
Freescale recommends the use of
θ
JmA and power dissipation specifications in the system design to prevent
device junction temperatures from exceeding the rated specification. System designers should be aware that
device junction temperatures can be significantly influenced by board layout and surrounding devices.
Conformance to the device junction temperature specification can be verified by physical measurement in the
customer’s system using the
Ψ
jt parameter, the device power dissipation, and the method described in
EIA/JESD Standard 51-2.
2 Per JEDEC JESD51-6 with the board horizontal.
421,2
°C/W
Junction to ambient (@200 ft/min)
Four layer board
(2s2p)
θ
JMA
341,2
381,2
°C/W
Junction to board
θ
JB
273
3 Thermal resistance between the die and the printed circuit board in conformance with JEDEC JESD51-8.
Board temperature is measured on the top surface of the board near the package.
323
°C/W
Junction to case
θ
JC
164
4 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
194
°C/W
Junction to top of package
Ψ
jt
41,5
5 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal
characterization parameter is written in conformance with Psi-JT.
51,5
°C/W
Maximum operating junction temperature
Tj
105
105
oC
TJ
TA
PD ΘJMA
×
()
+
=
PD
K
TJ 273°C
+
()
---------------------------------
=
KPD
TA 273°C
×
() Q
JMA
PD
2
×
+
×
=


Số phần tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
MCF5328CVM240 ANALOGICTECH-MCF5328CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5328CVM240 FREESCALE-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5328CVM240 NXP-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com