công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5328CVM240 bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5328CVM240
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5328CVM240 bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MCF5328CVM240 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 30Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 31Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 32Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 33Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Electrical Characteristics
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
33
5.11
USB On-The-Go
The MCF5329 device is compliant with industry standard USB 2.0 specification.
5.12
ULPI Timing Specification
Control and data timing requirements for the ULPI pins are given in Table 18. These timings apply in synchronous mode only.
All timings are measured with either a 60 MHz input clock from the USB_CLKIN pin. The USB_CLKIN needs to maintain a
50% duty cycle. Control signals and 8-bit data are always clocked on the rising edge.
The ULPI interface on the MCF5329 processor is compliant with the industry standard definition.
Figure 19. ULPI Timing Diagram
5.13
SSI Timing Specifications
This section provides the AC timings for the SSI in master (clocks driven) and slave modes (clocks input). All timings are given
for non-inverted serial clock polarity (SSI_TCR[TSCKP] = 0, SSI_RCR[RSCKP] = 0) and a non-inverted frame sync
(SSI_TCR[TFSI] = 0, SSI_RCR[RFSI] = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timings
remain valid by inverting the clock signal (SSI_BCLK) and/or the frame sync (SSI_FS) shown in the figures below.
Table 18. ULPI Interface Timing
Parameter
Symbol
Min
Max
Units
Setup time (control in, 8-bit data in)
TSC, TSD
3.0
ns
Hold time (control in, 8-bit data in)
THC, THD
−1.5
ns
Output delay (control out, 8-bit data out)
TDC, TDD
6.0
ns
Table 19. SSI Timing – Master Modes1
Num
Description
Symbol
Min
Max
Units
S1
SSI_MCLK cycle time2
tMCLK
8
× t
SYS
—ns
S2
SSI_MCLK pulse width high / low
45%
55%
tMCLK
S3
SSI_BCLK cycle time3
tBCLK
8
× t
SYS
—ns
S4
SSI_BCLK pulse width
45%
55%
tBCLK
S5
SSI_BCLK to SSI_FS output valid
15
ns
TSC
THC
TSD
TDC
TDD
ULPI_CLK
ULPI_STP
ULPI_DATA
ULPI_DIR/ULPI_NXT
ULPI_DATA
THD
(Output)
(Input)
(Input-8bit)
(Output-8bit)


Số phần tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
MCF5328CVM240 ANALOGICTECH-MCF5328CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5328CVM240 FREESCALE-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5328CVM240 NXP-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com