công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5328CVM240 bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5328CVM240
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5328CVM240 bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MCF5328CVM240 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
24
Figure 9. SDR Write Timing
SD9
SD_DQS[3:2] input hold relative to SD_CLK7
tDQISDCH Does not apply. 0.5×SD_CLK fixed width.
SD10
Data (D[31:0]) Input Setup relative to SD_CLK (reference
only)8
tDVSDCH
0.25
×
SD_CLK
—ns
SD11
Data Input Hold relative to SD_CLK (reference only)
tDISDCH
1.0
ns
SD12
Data (D[31:0]) and Data Mask(SD_DQM[3:0]) Output Valid
tSDCHDMV
0.75
× SD_CLK
+ 0.5
ns
SD13
Data (D[31:0]) and Data Mask (SD_DQM[3:0]) Output Hold
tSDCHDMI
1.5
ns
1 The FlexBus and SDRAM clock operates at the same frequency of the internal bus clock. See the PLL chapter of the MCF5329
Reference Manual for more information on setting the SDRAM clock rate.
2 SD_CLK is one SDRAM clock in (ns).
3 Pulse width high plus pulse width low cannot exceed min and max clock period.
4 Pulse width high plus pulse width low cannot exceed min and max clock period.
5 SD_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This is a guideline only. Subtle variation
from this guideline is expected. SD_DQS only pulses during a read cycle and one pulse occurs for each data beat.
6 SDR_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This spec is a guideline only. Subtle
variation from this guideline is expected. SDR_DQS only pulses during a read cycle and one pulse occurs for each data beat.
7 The SDR_DQS pulse is designed to be 0.5 clock in width. The timing of the rising edge is most important. The falling edge
does not affect the memory controller.
8 Because a read cycle in SDR mode uses the DQS circuit within the device, it is most critical that the data valid window be
centered 1/4 clk after the rising edge of DQS. Ensuring that this happens results in successful SDR reads. The input setup
spec is provided as guidance.
Table 10. SDR Timing Specifications (continued)
Symbol
Characteristic
Symbol
Min
Max
Unit
SD_CLK
SDDM
D[31:0]
A[23:0]
SD_BA[1:0]
CMD
ROW
SD1
SD4
COL
SD5
WD1
WD2
WD3
WD4
SD12
SD11
SD_CSn
SD_RAS
SD_WE
SD_CAS
SD2
SD3


Số phần tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
MCF5328CVM240 ANALOGICTECH-MCF5328CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5328CVM240 FREESCALE-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5328CVM240 NXP-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com